| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMPF0100F4AEP bảng dữ liệu(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMPF0100F4AEP bảng dữ liệu(HTML) 28 Page - NXP Semiconductors |
|
28 / 136 page ![]() 28 NXP Semiconductors PF0100 FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS 6.4 Power generation 6.4.1 Modes of operation The operation of the PF0100 can be reduced to five states, or modes: on, off, sleep, standby, and coin cell. Figure 8 shows the state diagram of the PF0100, along with the conditions to enter and exit from each state. Figure 8. State diagram To complement the state diagram in Figure 8, a description of the states is provided in following sections. Note that VIN must exceed the rising UVDET threshold to allow a power up. Refer to Table 29 for the UVDET thresholds. Additionally, I2C control is not possible in the coin cell mode and the interrupt signal, INTB, is only active in sleep, standby, and on states. 6.4.1.1 ON mode The PF0100 enters the On mode after a turn-on event. RESETBMCU is de-asserted, high, in this mode of operation. 6.4.1.2 OFF mode The PF0100 enters the off mode after a turn-off event. A thermal shutdown event also forces the PF0100 into the off mode. Only VCOREDIG and VSNVS are powered in the mode of operation. To exit the off mode, a valid turn-on event is required. RESETBMCU is asserted, low, in this mode. PWRON = 0 held >= 4.0 sec Any SWxOMODE bits=1 & PWRONRSTEN = 1 (PWRON_CFG=1) PWRON=1 & VIN > UVDET (PWRON_CFG =0) Or PWRON= 0 < 4.0 sec & VIN > UVDET (PWRON_CFG=1) ON PWRON = 0 Any SWxOMODE bits=1 (PWRON_CFG=0) Or PWRON=0 held >= 4.0 sec Any SWxOMODE bits=1 & PWRONRSTEN = 1 (PWRON_CFG=1) PWRON=1 & VIN > UVDET (PWRON_CFG = 0) Or PWRON= 0 < 4.0 sec & VIN > UVDET (PWRON_CFG=1) PWRON = 0 All SWxOMODE bits= 0 (PWRON_CFG = 0) Or PWRON = 0 held >= 4.0 sec All SWxOMODE bits= 0 & PWRONRSTEN = 1 (PWRON_CFG = 1) OFF Sleep Coin Cell VIN < UVDET VIN > UVDET Thermal shudown Standby STANDBY asserted VIN < UVDET Thermal shutdown Thermal shutdown STANDBY de-asserted PWRON = 0 Any SWxOMODE bits=1 (PWRON_CFG=0) Or PWRON=0 held >= 4.0 sec Any SWxOMODE bits=1 & PWRONRSTEN = 1 (PWRON_CFG=1) PWRON = 0 All SWxOMODE bits= 0 (PWRON_CFG = 0) Or PWRON = 0 held >= 4.0 sec All SWxOMODE bits= 0 & PWRONRSTEN = 1 (PWRON_CFG = 1) VIN < UVDET VIN < UVDET |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |