công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 31 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 31 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 27Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 28Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 29Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 30Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 31Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 32Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 33Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 34Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 136 page
background image
NXP Semiconductors
31
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.2.1
Turn on events
From off and sleep modes, the PMIC is powered on by a turn-on event. The type of turn-on event depends on the configuration of PWRON.
PWRON may be configured as an active high when PWRON_CFG = 0, or as the input of a mechanical switch when PWRON_CFG = 1.
VIN must be greater than UVDET for the PMIC to turn-on. When PWRON is configured as an active high and PWRON is high (pulled up
to VSNVS) before VIN is valid, a VIN transition from 0.0 V to a voltage greater than UVDET is also a Turn-on event. See the state diagram,
Figure 8, and the Table 26 for more details. Any regulator enabled in the sleep mode remains enabled when transitioning from sleep to
on, i.e., the regulator does not turn off and then on again to match the start-up sequence. The following is a more detailed description of
the PWRON configurations:
• If PWRON_CFG = 0, the PWRON signal is high and VIN > UVDET, the PMIC turns on; the interrupt and sense bits, PWRONI and
PWRONS respectively, is set.
• If PWRON_CFG = 1, VIN > UVDET and PWRON transitions from high to low, the PMIC turns on; the interrupt and sense bits,
PWRONI and PWRONS respectively, sets.
The sense bit shows the real time status of the PWRON pin. In this configuration, the PWRON input can be a mechanical switch
debounced through a programmable debouncer, PWRONDBNC[1:0], to avoid a response to a very short (i.e., unintentional) key press.
The interrupt is generated for both the falling and the rising edge of the PWRON pin. By default, a 30 ms interrupt debounce is applied to
both falling and rising edges. The falling edge debounce timing can be extended with PWRONDBNC[1:0] as defined in Table 27. The
interrupt is cleared by software, or when cycling through the OFF mode.
6.4.2.2
Turn off events
6.4.2.2.1
PWRON pin
The PWRON pin is used to power off the PF0100. The PWRON pin can be configured with OTP to power off the PMIC under the following
two conditions:
1. PWRON_CFG bit = 0, SWxOMODE bit = 0 and PWRON pin is low.
2. PWRON_CFG bit = 1, SWxOMODE bit = 0, PWRONRSTEN = 1 and PWRON is held low for longer than 4.0 seconds.
Alternatively, the system can be configured to restart automatically by setting the RESTARTEN bit.
6.4.2.2.2
Thermal protection
If the die temperature surpasses a given threshold, the thermal protection circuit powers off the PMIC to avoid damage. A turn-on event
does not power on the PMIC while it is in thermal protection. The part remains in off mode until the die temperature decreases below a
given threshold. There are no specific interrupts related to this other than the warning interrupt. See 4.2.1 Power dissipation, page 11
section for more detailed information.
6.4.2.2.3
Undervoltage detection
When the voltage at VIN drops below the undervoltage falling threshold, UVDET, the state machine transitions to the coin cell mode.
Table 27. PWRON hardware debounce bit settings
Bits
State
Turn on
debounce (ms)
Falling edge INT
debounce (ms)
Rising edge INT
debounce (ms)
PWRONDBNC[1:0]
00
0.0
31.25
31.25
01
31.25
31.25
31.25
10
125
125
31.25
11
750
750
31.25
Notes
41.
The sense bit, PWRONS, is not debounced and follows the state of the PWRON pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com