công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 73 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 73 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 69Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 70Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 71Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 72Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 73Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 74Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 75Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 76Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 136 page
background image
NXP Semiconductors
73
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Full setup and control of SW4 is done through the I2C registers listed on Table 80, and a detailed description of each one of the registers
is provided in Tables 81 to Table 85.
Table 80. SW4 register summary
Register
Address
Description
SW4VOLT
0x4A
Output voltage set point on normal operation
SW4STBY
0x4B
Output voltage set point on standby
SW4OFF
0x4C
Output voltage set point on sleep
SW4MODE
0x4D
Switching mode selector register
SW4CONF
0x4E
DVS, phase, frequency and ILIM configuration
Table 81. Register SW4VOLT - ADDR 0x4A
Name
Bit #
R/W
Default
Description
SW4
5:0
R/W
0x00
Sets the SW4 output voltage during normal
operation mode. See Table 79 for all possible
configurations.
SW4
6
R
0x00
Sets the operating output voltage range for SW4.
Set during OTP or TBB configuration only. See
Table 79 for all possible configurations.
UNUSED
7
–
0x00
unused
Table 82. Register SW4STBY - ADDR 0x4B
Name
Bit #
R/W
Default
Description
SW4STBY
5:0
R/W
0x00
Sets the SW4 output voltage during standby
mode. See Table 79 for all possible
configurations.
SW4STBY
6
R
0x00
Sets the operating output voltage range for SW4
on standby mode. This bit inherits the value
configured on bit SW4[6] during OTP or TBB
configuration. See Table 79 for all possible
configurations.
UNUSED
7
–
0x00
unused
Table 83. Register SW4OFF - ADDR 0x4C
Name
Bit #
R/W
Default
Description
SW4OFF
5:0
R/W
0x00
Sets the SW4 output voltage during sleep mode.
See Table 79 for all possible configurations.
SW4OFF
6
R
0x00
Sets the operating output voltage range for SW4
on sleep mode. This bit inherits the value
configured on bit SW4[6] during OTP or TBB
configuration. See Table 79 for all possible
configurations.
UNUSED
7
–
0x00
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com