công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 82 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 82 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 78Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 79Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 80Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 81Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 82Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 83Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 84Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 85Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 136 page
background image
82
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Besides the output voltage configuration, the LDOs can be enabled or disabled at anytime during normal mode operation, as well as
programmed to stay “ON” or be disabled when the PMIC enters Standby mode. Each regulator has associated I2C bits for this. Table 94
presents a summary of all valid combinations of the control bits on VGENxCTL register and the expected behavior of the LDO output.
For more detail information, Table 95 through Table 100 provide a description of all registers necessary to operate all six general purpose
LDO regulators.
3
0011
2.10
4
0100
2.20
5
0101
2.30
6
0110
2.40
7
0111
2.50
8
1000
2.60
9
1001
2.70
10
1010
2.80
11
1011
2.90
12
1100
3.00
13
1101
3.10
14
1110
3.20
15
1111
3.30
Table 94. LDO control
VGENxEN
VGENxLPWR
VGENxSTBY
STANDBY(64)
VGENxOUT
0X
X
X
Off
10
0
X
On
1
1
0
X
Low power
1X
1
0
On
10
1
1
Off
1
1
1
1
Low power
Notes
64.
STANDBY refers to a standby event as described earlier.
Table 95. Register VGEN1CTL - ADDR 0x6C
Name
Bit #
R/W
Default
Description
VGEN1
3:0
R/W
0x80
Sets VGEN1 output voltage.
See Table 92 for all possible configurations.
VGEN1EN
4
–
0x00
Enables or disables VGEN1 output
• 0 = OFF
• 1 = ON
VGEN1STBY
5
R/W
0x00
Set VGEN1 output state when in standby. Refer
to Table 94.
VGEN1LPWR
6
R/W
0x00
Enable low-power mode for VGEN1. Refer to
Table 94.
UNUSED
7
–
0x00
unused
Table 93. VGEN3/ 4/ 5/ 6 output voltage configuration (continued)
Set point
VGENx[3:0]
VGENx output (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com