công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 7Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 8Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 9Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 10Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 11Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 12Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 13Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 14Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 136 page
background image
NXP Semiconductors
11
PF0100
GENERAL PRODUCT CHARACTERISTICS
4.2
Thermal characteristics
4.2.1
Power dissipation
During operation, the temperature of the die should not exceed the operating junction temperature noted in Table 6. To optimize the
thermal management and to avoid overheating, the PF0100 provides thermal protection. An internal comparator monitors the die
temperature. Interrupts THERM110I, THERM120I, THERM125I, and THERM130I are generated when the respective thresholds specified
in Table 7 are crossed in either direction. The temperature range can be determined by reading the THERMxxxS bits in register
INTSENSE0.
In the event of excessive power dissipation, thermal protection circuitry shuts down the PF0100. This thermal protection acts above the
thermal protection threshold listed in Table 7. To avoid any unwanted power downs resulting from internal noise, the protection is
debounced for 8.0 ms. This protection should be considered as a fail-safe mechanism and therefore the system should be configured so
protection is not tripped under normal conditions.
Table 6. Thermal ratings
Symbol
Description (rating)
Min.
Max.
Unit
Notes
Thermal ratings
TA
Ambient operating temperature range
• PF0100
• PF0100A
• PF0100AN
-40
-40
-40
85
85
105
°C
TJ
Operating junction temperature range
-40
125
°C
(8)
TST
Storage temperature range
-65
150
°C
TPPRT
Peak package reflow temperature
–
Note 10
°C
(9)(10)
QFN56 thermal resistance and package dissipation ratings
RθJA
Junction to ambient
• Natural convection
• Four layer board (2s2p)
• Eight layer board (2s6p)
–
–
28
15
°C/W
(11)(12)(13)
RθJMA
Junction to ambient (@200 ft/min)
• Four layer board (2s2p)
–
22
°C/W
(11)(13)
RθJB
Junction to board
–
10
°C/W
(14)
RΘJCBOTTOM Junction to case bottom
–
1.2
°C/W
(15)
ΨJT
Junction to package top
• Natural convection
–
2.0
°C/W
(16)
Notes
8.
Do not operate beyond 125 °C for extended periods of time. Operation above 150 °C may cause permanent damage to the IC. See Table 7 for
thermal protection features.
9.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may cause a
malfunction or permanent damage to the device.
10.
NXP’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow Temperature and
Moisture Sensitivity Levels (MSL), go to www.nxp.com, search by part number (remove prefixes/suffixes) and enter the core ID to view all orderable
parts, and review parametrics.
11.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient
temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
12.
The Board uses the JEDEC specifications for thermal testing (and simulation) JESD51-7 and JESD51-5.
13.
Per JEDEC JESD51-6 with the board horizontal.
14.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top surface of the
board near the package.
15.
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1).
16.
Thermal characterization parameter indicating the temperature difference between package top and the junction temperature per JEDEC JESD51-
2. When Greek letter (
Ψ) are not available, the thermal characterization parameter is written as Psi-JT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com