công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMPF0100F4AEP bảng dữ liệu(PDF) 78 Page - NXP Semiconductors

tên linh kiện MMPF0100F4AEP
Giải thích chi tiết về linh kiện  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100F4AEP bảng dữ liệu(HTML) 78 Page - NXP Semiconductors

Back Button MMPF0100F4AEP Datasheet HTML 74Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 75Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 76Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 77Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 78Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 79Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 80Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 81Page - NXP Semiconductors MMPF0100F4AEP Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 136 page
background image
78
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.5.1
SWBST setup and control
Boost regulator control is done through a single register SWBSTCTL described in Table 88. SWBST is included in the power-up sequence
if its OTP power-up timing bits, SWBST_SEQ[4:0], are not all zeros.
6.4.5.2
SWBST external components
Table 88. Register SWBSTCTL - ADDR 0x66
Name
Bit #
R/W
Default
Description
SWBST1VOLT
1:0
R/W
0x00
Set the output voltage for SWBST
• 00 = 5.000 V
• 01 = 5.050 V
• 10 = 5.100 V
• 11 = 5.150 V
SWBST1MODE
3:2
R
0x02
Set the Switching mode on normal operation
• 00 = OFF
• 01 = PFM
• 10 = Auto (Default)(61)
• 11 = APS
UNUSED
4
–
0x00
unused
SWBST1STBYMODE
6:5
R/W
0x02
Set the switching mode on standby
• 00 = OFF
• 01 = PFM
• 10 = Auto (Default)(61)
• 11 = APS
UNUSED
7
–
0x00
unused
Notes
61.
In auto mode, the controller automatically switches between PFM and APS modes depending on the load current.
The SWBST regulator starts up by default in the auto mode if SWBST is part of the startup sequence.
Table 89. SWBST external component requirements
Components
Description
Values
CINBST(62)
SWBST input capacitor
10
μF
CINBSTHF(62)
SWBST decoupling input capacitor
0.1
μF
COBST(62)
SWBST output capacitor
2 x 22
μF
LSBST
SWBST inductor
2.2
μH
DBST
SWBST boost diode
1.0 A, 20 V Schottky
Notes
62.
Use X5R or X7R capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com