công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH33F2801P/032PR bảng dữ liệu(PDF) 91 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH33F2801P/032PR
Giải thích chi tiết về linh kiện  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR bảng dữ liệu(HTML) 91 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 407 page
background image
SH33F2801
91
13.4
Register
GPIO Module Register List (Base Address: 0x4004 0000)
Address
Register List
Description
0x4004 0000+
0x080*x+0x000
MODER
Port x mode configuration
(X represents ports A, B and C, and
corresponding values are 0, 1 and 2 in the
calculation of offset address, the same below)
0x4004 0000+
0x080*x+0x004
IDR
Port x input data register
(Ports A to C correspond to x: 0 to 4)
0x4004 0000+
0x080*x+0x008
ODR
Port x output data register
(Ports A to C correspond to x: 0 to 4)
0x4004 0000+
0x080*x+0x00C
BSRR
Port x clear/reset register
(Ports A to C correspond to x: 0 to 4)
0x4004 0000+
0x080*x+0x010
LCKR
Port x configuration lock register
(Ports A to C correspond to x: 0 to 2)
0x4004 0000+
0x080*x+0x014
IE
Port x input enable register
0x4004 0000+
0x080*x+0x018
OTYPER
Port x output type configuration register
(Ports A to C correspond to x: 0 to 4)
0x4004 0000+
0x080*x+0x01C
ODRVR
Port x output driver configuration register
(Ports A to C correspond to x: 0 to 4)
0x4004 0000+
0x080*x+0x020
PUPDR
Port x pull-up & pull-down configuration register
(Ports A to C correspond to x: 0 to 2)
0x4004 0000+
0x080*x+0x024
TTLEN
Port x partial pin TTL level selection register
(Ports A to C correspond to x: 0 to 2)
0x4004 0000+
0x080*x+0x028
AFRL
Port x alternate function register low bit
(Ports A to C correspond to x: 0 to 2)
0x4004 0000+
0x080*x+0x02C
AFRH
Port x alternate function register high bit
(Ports A to C correspond to x: 0 to 2)
13.4.1
Port X Mode Configuration (GPIOx_IOD_MODER)
Offset Address: 0x0000 + 0x80*x
Reset Value:
0x0000 0000
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
Reserved
-
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
MOD
ER1
5
MOD
ER1
4
MOD
ER1
3
MOD
ER1
2
MOD
ER1
1
MOD
ER1
0
MOD
ER9
MOD
ER8
MOD
ER7
MOD
ER6
MOD
ER5
MOD
ER4
MOD
ER3
MOD
ER2
MOD
ER1
MOD
ER0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Symbol
Description
31 ~ 16
Reserved
-
15
MODER15
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode
14
MODER14
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode
13
MODER13
Port x mode configuration is configured by software
0: Input mode (reset state)
1: Output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com