công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH33F2801P/032PR bảng dữ liệu(PDF) 46 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH33F2801P/032PR
Giải thích chi tiết về linh kiện  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR bảng dữ liệu(HTML) 46 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 50Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 407 page
background image
SH33F2801
46
8.6.12
Flash Special Information Memory Block Unlock Control Register (FLASH_IKYR)
Offset Address: 0x0040
Reset Value:
0x0000 0000
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
INFO_KEY[31:0]
WO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
INFO_KEY[31:0]
WO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Symbol
Description
31 ~ 0
INFO_KEY[31:0]
Flash special information memory block unlock control bit
Writing the flash unlock value and operation unlock value sequentially to
INFO_KEY[31:0] can unlock the OTP block of flash special information blocks.
After the unlocking is successfully done, INFLCK@FLASH_CR bit is clearedby
hardware and INFO_KEY[31:0] is cleared.
For the Flash single unlock operation, after the unlocking is successfully
done, only one programming or erasing operation of the flash is allowed. After
the operation is completed, the INFLCK@FLASH_CR bit is automatically set to
'1' by hardware, and the flash related block is locked again.
For the Flash multiple unlock operation, after the unlocking is successfully
done, multiple programming or erasing operations of the flash are allowed. But
after the operations are completed, the INFLCK@FLASH_CR bit must be set
to '1' by software, and then the flash related block can be locked again.
These bits can be written by software only.
8.6.13
Memory Mapping Selection Register (FLASH_MEMRMP)
Offset Address: 0x0100
Reset Value:
0x0000 XXXX
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
Reserved
-
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
MEMMODE[15:0]
RW
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Bit
Symbol
Description
31 ~ 16
Reserved
-
15 ~ 0
MEMMODE[15:0]
Memory mapping selection
These bits are set by hardware after reset and can be read or written by
software.
0x5AA5: Boot block mapped to address 0x0
Other: Main flash memory mapped to address 0x0
Map to main flash memory as long as it does not satisfy 0x5AA5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com