công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH33F2801P/032PR bảng dữ liệu(PDF) 36 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH33F2801P/032PR
Giải thích chi tiết về linh kiện  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR bảng dữ liệu(HTML) 36 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 34Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 35Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 407 page
background image
SH33F2801
36
(3) Customer Security Code
SH33F2801 supports the customer security code setting function. The customer can set a custom security code to lock the
read, write and erase operation of the programming simulation tool on the chip. The customer security code is 6 bytes long and
the customer can set any non-all zero security code. After the chip is produced, the defaut custromer security code is all zeros.
When effective security code set is programmed into the chip and is powered again, this chip must be read, written and erased
via tools under the condition that security code is correctly input.
The customer security code can be set using the 32-bit product mass programming tool (ProWriter-32) and the simulation
tool (SinoLink). Once the setting is completed, the security code must be matched for further operation.
8.4
Flash Access Acceleration Control
SH33F2801 adds a flash access acceleration control module to resolve the contradiction between high system main
frequency and slow flash memory access. The high-speed read-ahead buffer block allows instructions and data to be loaded
into the buffer in advance, thereby reducing or eliminating the effects of mismatch between flash memory and system
frequency.
For SH33F2801, when the system is running at 84MHz main frequency, it is required to set the flash memory wait period to
2 (Flash LATENCY = 2), and enable the prefetch buffer block, instruction buffer block, and data buffer block for optimal
execution performance similar to zero wait of flash memory.
8.5
Flash Block Division Function
In order to ensure that the backup program on the chip and the main program can be quickly switched, SH33F2801 is
equipped with the flash block division function.
Refer to "27. User code options" for code options related to flash block division. Among them:
FLASH_BACKUP is the enable bit of flash block division, which is used to control whether the flash block division function
is enabled;
FLASH_SELECT is the switch control bit of mapping flash logical address, which is only valid when FLASH_BACKUP is 1;
In the bootloader and main programs, "erase" and "erase - program" operations are allowed for FLASH_BACKUP and
FLASH_ SELECT. At this time, the lock register of flash module needs to be written "0x5aa5" to unlock before modification. The
specific operation mode is the same as the "customer information area" programming/erasing mode.
After modifying FLASH_SELECT, vector reset can be generated by software reset (SW reset) or power on reset, so that
the logical address mapping corresponding to PC pointer can be switched.
After power on reset or other system reset, according to the values of FLASH_BACKUP and FLASH_SELECT, the
hardware will automatically map the flash logical address to corresponding address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com