công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH33F2801P/032PR bảng dữ liệu(PDF) 77 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH33F2801P/032PR
Giải thích chi tiết về linh kiện  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR bảng dữ liệu(HTML) 77 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 73Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 74Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 75Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 76Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 77Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 78Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 79Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 80Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 81Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 407 page
background image
SH33F2801
77
11.4.2
Window Watchdog Status Register (WWDT_SR)
Offset Address: 0x0004
Reset Value:
0x0000 00FF
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
Reserved
-
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
WWDT
IF
Reserved
TCNT[7:0]
RW
-
RO
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
Bit
Symbol
Description
31 ~ 16
Reserved
-
15
WWDTIF
Window watchdog latest dog feeding interrupt flag bit, this bit is set to ‘1’
by software or hardware, and cleared by software.
0: No WWDT interrupt is generated
1: A WWDT interrupt is generated
14 ~ 8
Reserved
-
7 ~ 0
TCNT[7:0]
Window watchdog count register
Indicates the current watchdog count, set to maximum value 0xFF by default
when initiated.
11.4.3
Window Watchdog Feeding Register (WWDT_CLR)
Offset Address: 0x0008
Reset Value:
0x0000 0000
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
Reserved
-
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
WWDTCLR[15:0]
WO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Symbol
Description
31 ~ 16
Reserved
-
15 ~ 0
WWDTCLR[15:0]
Window watchdog feeding register
0x5555: Feeds the dog (update the watchdog counter with WWDTRLR)
Other: No action
Reading this register after the dog is fed will fixedly return to 0x0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com