công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH33F2801P/032PR bảng dữ liệu(PDF) 52 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH33F2801P/032PR
Giải thích chi tiết về linh kiện  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR bảng dữ liệu(HTML) 52 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 50Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 51Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 52Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 53Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 54Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 55Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 56Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 407 page
background image
SH33F2801
52
10.2.1
HSE Clock
High-speed external clock signal (HSE) is generated from two clock sources:
(1) External crystal/ceramic resonator: 4MHz - 12MHz
XTAL1
XTAL2
C1
C2
Crystal/
Ceramic
The 4~12Mz external oscillator (including crystal resonator and ceramic resonator) provides a more accurate clock for the
system. The HSERDY@RCC_CR bit in the clock control register is used to indicate if the high-speed external oscillator is
stable. At startup, the clock is not released until this bit is set to '1' by hardware. If an interrupt is allowed to be generated in the
clock interrupt register RCC_CIENR, a corresponding interrupt will be generated.
HSE crystal can be turned on and off by setting the HSEON@RCC_CR bit in the clock control register.
In order to reduce the distortion of the clock output and shorten the startup stabilizing time, the crystal/ceramic resonator
and the load capacitor must be as close as possible to the oscillator pins. The load capacitance value must be adjusted
according to the selected oscillator.
(2) External input clock: 4MHz – 12MHz
XTAL1
XTAL2
External Clock
In this mode, external clock must be provided. Its frequency could be as high as 12MHz. In this mode, the user must first fill
the external clock on XTAL1, and then turn on the HSEON bit, while XTAL2 must be left floating at this time. However, XTAL2
can be set to be used as a GPIO port by setting the OSCCFG@SYSCFG_SAFR bit to 10b.
Same as the external oscillator, the external clock also has a warm-up time and a Ready signal.
The external clock is also monitored by the CSM.
10.2.2
HSI Clock
The HSI clock signal is generated by internal 8MHz RC oscillator and can be used directly as the system clock or as PLL
input source. When acting as PLL input, it is recommended to turn on the PLL prescaler factor PLLXTPRE@RCC_CFGR,
which also means pre-division, is turned on.
HSI also has the following features:
After system reset, HSI is selected as the system clock.
HSI is always open after system power-on (whether or not the system clock uses HSI) and is turned off in stop mode.
Startup time of HSI RC oscillator is shorter than HSE crystal oscillator.
The HSI RC is calibrated to 0.2% (25°C) after production and does not exceed 1% over the full temperature range. At
system reset, the factory calibration value is loaded into HSICAL[7:0] bit of the clock control register. If the user's
application is based on different voltages or environment temperatures, this will affect the accuracy of the RC
oscillator. The HSI frequency can be further adjusted by HSITRIM[2:0] bit in the clock control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com