công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH33F2801P/032PR bảng dữ liệu(PDF) 45 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH33F2801P/032PR
Giải thích chi tiết về linh kiện  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR bảng dữ liệu(HTML) 45 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 46Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 47Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 48Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 49Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 407 page
background image
SH33F2801
45
Bit
Symbol
Description
31 ~ 0
CNT[31:0]
Flash operation timer count value register
Flash operation timer based on system clock, it enables or disables
countdown function according to CNTEN@CNTCR bit. Only when the count
value is counted down to the upper limit of the flash operation timer, the flash
memory is allowed to operate. When the flash operation timer count value is
counted down to zero, the operation of the flash memory is prohibited.
8.6.10
Flash Operation Timer Upper Limit Register (FLASH_UPCNTR)
Offset Address: 0x0034
Reset Value:
0x0000 0000
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
UPCNT[31:0]
RW
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
UPCNT[31:0]
RW
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Symbol
Description
31 ~ 0
UPCNT[31:0]
Flash operation timer upper limit
Only when the count value of flash operation timer is counted down to the
upper limit of the flash operation timer or the initial set value is lower than the
upper limit of the flash operation timer, the flash memory is allowed to operate.
When the flash operation timer count value is counted down to zero, the
operation of the flash memory is prohibited.
Note: When UPCNT=0 and CNT=0, the operation of the flash memory is
prohibited.
8.6.11
Flash Operation Timer Start Register (FLASH_CNTCR)
Offset Address: 0x0038
Reset Value:
0x0000 0000
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
Reserved
-
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Reserved
CNTE
N
-
RW
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Symbol
Description
31 ~ 1
Reserved
-
0
CNTEN
Flash operation timer start bit
0: flash operation timer enabled
1: flash operation timer disabled
Note: CNTEN@CNTCR is set to 1, and the counting down function of flash
operation timer is enabled. The counter is counted down to 0, this bit is
cleared, and the flash operation timer is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com