công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH33F2801P/032PR bảng dữ liệu(PDF) 40 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH33F2801P/032PR
Giải thích chi tiết về linh kiện  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR bảng dữ liệu(HTML) 40 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 36Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 407 page
background image
SH33F2801
40
8.6.2
Flash Main Program Memory Block Unlock Control Register (FLASH_MKYR)
Offset Address: 0x0004
Reset Value:
0x0000 0000
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
MKY[31:0]
WO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
MKY[31:0]
WO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Symbol
Description
31 ~ 0
MKY[31:0]
Flash main program memory block unlock control bit
Write the correct flash unlock value and operation unlock value sequentially
to MKY[31:0] to unlock the operation of the main flash program storage block.
After the unlock is successfully done, the MNLCK@FLASH_CR bit is cleared
by hardware, and MKY[31:0] hardware is cleared.
For flash single unlock operation, when MNLCK@FLASH_CR bit is cleared,
only one programming or erasure operation to flash is allowed. After the
operation is done, MNLCK@FLASH_CR bit is automatically set to 1, and main
flash program storage block is locked again.
For flash multiple unlock operation, when MNLCK@FLASH_CR bit is
cleared, multiple programming or erasure operations are allowed. But after the
operation is done, MNLCK@FLASH_CR bit can be automatically set to 1 by
software, thus main flash program storage block can be locked again.
These bits can only be written by software.
8.6.3
EEPROM-like Memory Block Unlock Control Register (FLASH_E2KYR)
Offset Address: 0x0008
Reset Value:
0x0000 0000
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
E2KY[31:0]
WO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
E2KY[31:0]
WO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Symbol
Description
31 ~ 0
E2KY[31:0]
EEPROM-like storage block unlock control byte
Write the correct flash unlock value and operation unlock value sequentially
to E2KY [31:0] can unlock EEPROM-like block. After the unlock operation is
successfully done, the E2WRE@FLASH_CR bit is set to 1 by hardware, and
E2KY [31:0] hardware is cleared.
For flash single unlock operation, when the unlock operation is successfully
done, only one programming or erase operation is allowed. After the operation
is done, E2WRE@FLASH_CR bit is automatically set to 1 by hardware, and
related flash blocks are locked again.
For flash multiple unlock operation, when the unlock operation is
successfully done, multiple programming or erasure operations are allowed.
But after the operation is done, E2WRE@FLASH_CR bit must be set to 1 by
software, thus related flash blocks can be locked again.
These bits can only be written by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com