công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH33F2801P/032PR bảng dữ liệu(PDF) 41 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH33F2801P/032PR
Giải thích chi tiết về linh kiện  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR bảng dữ liệu(HTML) 41 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 37Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 38Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 39Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 40Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 41Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 42Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 43Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 44Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 45Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 407 page
background image
SH33F2801
41
8.6.4
Flash Status and Clear Register (FLASH_SR)
Offset Address: 0x000C
Reset Value:
0x0000 0000
b31
b30
b29
b28
b27
b26
b25
b24
b23
b22
b21
b20
b19
b18
b17
b16
Reserved
STAER
RC
PGWE
RRC
PGPE
RRC
WRPR
TERR
C
FLSER
RC
Reserv
ed
OPER
RC
EOPC
-
WO
WO
WO
WO
WO
-
WO
WO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
BSY
Reserved
STAER
R
PGWE
RR
PGPE
RR
WRPR
TERR
FLSER
R
Reserv
ed
OPER
R
EOP
RO
-
RO
RO
RO
RO
RO
-
RO
RO
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
Symbol
Description
31 ~ 24
Reserved
-
23
STAERRC
Flash status error flag clear bit
0: invalid
1: clear
22
PGWERRC
Programming window error flag clear bit
0: invalid
1: clear
21
PGPERRC
Programming error flag clear bit
0: invalid
1: clear
20
WRPRTERRC
Write protection error flag clear bit
0: invalid
1: clear
19
FLSERRC
Flash hardware error status clear bit
0: invalid
1: clear
18
Reserved
-
17
OPERRC
Flash operation error flag clear bit
0: invalid
1: clear
16
EOPC
Operation execution flag clear bit
0: invalid
1: clear
15
BSY
Busy flag bit
This bit indicates that a flash operation is in progress. This bit is set at the
beginning of the flash operation, and it is cleared at the end of the operation or
when an error occurs.
14 ~ 8
Reserved
-
7
STAERR
Flash status error flag bit
Set by hardware, in the case where flash is not properly unlocked, when
attempting to erase or program on flash. Set by hardware, in the case where
STRT@FLASH_CR is not set to '1', when attempting to program on flash
Cleared by writing ‘1’ to STAERRC@FLASH_SR.
6
PGWERR
Programming window error flag bit
Set by hardware indicates that when a flash operation is initiated, which
means when STRT@FLASH_CR bit is set to ‘1’ or write operation on flash is
initiated, thecount value of flash operation timer is not in the valid time
window, and the flash operation is not executed. This bit can be cleared by
writing ‘1’ to PGWERRC@FLASH_SR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com