công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH33F2801P/032PR bảng dữ liệu(PDF) 29 Page - SINOWEALTH Electronic Ltd

tên linh kiện SH33F2801P/032PR
Giải thích chi tiết về linh kiện  32-bit High Performance Motor Control MCU Based on ARM® Star
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SINOWEALTH [SINOWEALTH Electronic Ltd]
Trang chủ  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH33F2801P/032PR bảng dữ liệu(HTML) 29 Page - SINOWEALTH Electronic Ltd

Back Button SH33F2801P/032PR Datasheet HTML 25Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 26Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 27Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 28Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 29Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 30Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 31Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 32Page - SINOWEALTH Electronic Ltd SH33F2801P/032PR Datasheet HTML 33Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 407 page
background image
SH33F2801
29
8.3.3.3
Flash Operation Timer Function
The flash control module has an operation timer. The count value of the flash operation timer uses the system clock as
its clock source. The count value of the flash operation timer must be less than the upper limit of the flash operation timer,
and is greater than zero, then operations can be performed on flash memory, or a 32-bit/16-bit data can be written to target
address. If a flash operation is initiated, which means when STRT@FLASH_CR bit is set to 1 or write operation to flash is
initiated, the flash operation timer count value is not in the valid time window, then the flash operation cannot be performed
and PGWERR@FLASH_SR bit is set to 1. For detailed usage of flash operation timer, see the figure below:
Is the FLASH_CNT within the valid range of the
time window? (Perform by hardware)
BSY@FLASH_SR =0?
Yes
No
Set the FLASH_CNT window
counter, set the FLASH_UPCNT
counter upper CNTEN@CNTCR = 1
Start
……
FLASH erase/program
operation setting
STRT@FLASH_CR = 1
Or the data is written to the desired
address
Yes
End
No
OPERR@FLASH_SR = 1
(Perform by hardware)
Perform flash erase/program sub-
operation (Perform by hardware )
Figure8-3
Flash Operation Timer Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com