công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 153 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 153 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 149Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 150Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 151Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 152Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 153Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 154Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 155Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 156Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 157Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
153
2.3.65
Port J Pull Device Enable Register (PERJ)
2.3.66
Port J Polarity Select Register (PPSJ)
Address 0x026C
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
PERJ7
PERJ6
PERJ5
PERJ4
PERJ3
PERJ2
PERJ1
PERJ0
W
Reset
11111111
Figure 2-63. Port J Pull Device Enable Register (PERJ)
Table 2-61. PERJ Register Field Descriptions
Field
Description
7-0
PERJ
Port J pull device enable—Enable pull devices on input pins
These bits configure whether a pull device is activated, if the associated pin is used as an input. This bit has no effect
if the pin is used as an output. Out of reset all pull device are enabled.
1 Pull device enabled.
0 Pull device disabled.
Address 0x026D
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
PPSJ7
PPSJ6
PPSJ5
PPSJ4
PPSJ3
PPSJ2
PPSJ1
PPSJ0
W
Reset
00000000
Figure 2-64. Port J Polarity Select Register (PPSJ)
Table 2-62. PPSJ Register Field Descriptions
Field
Description
7-0
PPSJ
Port J pull device select—Determine pull device polarity on input pins
This register serves a dual purpose by selecting the polarity of the active interrupt edge as well as selecting a pull-
up or pull-down device if enabled.
1 A rising edge on the associated Port J pin sets the associated flag bit in the PIFJ register. A pull-down device is
connected to the associated Port J pin, if enabled by the associated bit in register PERJ and if the port is used as
input.
0 A falling edge on the associated Port J pin sets the associated flag bit in the PIFJ register.A pull-up device is
connected to the associated Port J pin, if enabled by the associated bit in register PERJ and if the port is used as
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com