công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 149 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 149 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 145Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 146Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 147Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 148Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 149Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 150Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 151Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 152Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 153Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
149
2.3.61
Port J Data Register (PTJ)
Address 0x0268
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
PTJ7
PTJ6
PTJ5
PTJ4
PTJ3
PTJ2
PTJ1
PTJ0
W
Altern.
Function
TXCAN4
RXCAN4
————
TXD2
RXD2
SCL0
SDA0
SCL1
SDA1
————
(TXCAN0)
(RXCAN0)
CS2
CS0
—
CS1
—
CS3
Reset
00000000
Figure 2-59. Port J Data Register (PTJ)
Table 2-57. PTJ Register Field Descriptions
Field
Description
7-6
PTJ
Port J general purpose input/output data—Data Register
Port J pins 7 and 6 are associated with TXCAN and RXCAN signals of CAN4 and the routed CAN0, as well as with
SCL and SDA signals of IIC0, respectively.
The CAN4 function takes precedence over the IIC0, the routed CAN0 and the general purpose I/O function if the
CAN4 module is enabled. The IIC0 function takes precedence over the routed CAN0 and the general purpose I/O
function if the IIC0 is enabled. If the IIC0 module takes precedence the SDA0 and SCL0 outputs are configured as
open drain outputs. The routed CAN0 function takes precedence over the general purpose I/O function if the routed
CAN0 module is enabled.
When not used with the alternative function, this pin can be used as general purpose I/O.
If the associated data direction bit of this pin is set to 1, a read returns the value of the port register, otherwise the
buffered pin input state is read.
5-4
PTJ
Port J general purpose input/output data—Data Register
This pin is associated with the SCL and SDA signals of IIC1, and with chip select outputs CS2 and CS0, respectively.
The IIC1 function takes precedence over the chip select and general purpose I/O function if the IIC1 is enabled. The
chip selects take precedence over the general purpose I/O. If the IIC1 module takes precedence the SDA1 and SCL1
outputs are configured as open drain outputs. Refer to IIC section for details.
When not used with the alternative function, this pin can be used as general purpose I/O.
If the associated data direction bit of this pin is set to 1, a read returns the value of the port register, otherwise the
buffered pin input state is read.
3
PTJ
Port J general purpose input/output data—Data Register
This pin can be used as general purpose I/O.
If the associated data direction bit of this pin is set to 1, a read returns the value of the port register, otherwise the
buffered pin input state is read.
2
PTJ
Port J general purpose input/output data—Data Register
This pin is associated with the chip select output signal CS2.
When not used with the alternative function, this pin can be used as general purpose I/O.
If the associated data direction bit of this pin is set to 1, a read returns the value of the port register, otherwise the
buffered pin input state is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com