công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 147 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 147 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 143Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 144Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 145Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 146Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 147Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 148Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 149Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 150Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 151Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
147
2.3.57
Port H Pull Device Enable Register (PERH)
2.3.58
Port H Polarity Select Register (PPSH)
Address 0x0264
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
PERH7
PERH6
PERH5
PERH4
PERH3
PERH2
PERH1
PERH0
W
Reset
00000000
Figure 2-55. Port H Pull Device Enable Register (PERH)
Table 2-53. PERH Register Field Descriptions
Field
Description
7-0
PERH
Port H pull device enable—Enable pull devices on input pins
These bits configure whether a pull device is activated, if the associated pin is used as an input. This bit has no effect
if the pin is used as an output. Out of reset no pull device is enabled.
1 Pull device enabled.
0 Pull device disabled.
Address 0x0265
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
PPSH7
PPSH6
PPSH5
PPSH4
PPSH3
PPSH2
PPSH1
PPSH0
W
Reset
00000000
Figure 2-56. Port H Polarity Select Register (PPSH)
Table 2-54. PPSH Register Field Descriptions
Field
Description
7-0
PPSH
Port H pull device select—Determine pull device polarity on input pins
This register serves a dual purpose by selecting the polarity of the active interrupt edge as well as selecting a pull-
up or pull-down device if enabled.
1 A rising edge on the associated Port H pin sets the associated flag bit in the PIFH register. A pull-down device is
connected to the associated Port H pin, if enabled by the associated bit in register PERH and if the port is used
as input.
0 A falling edge on the associated Port H pin sets the associated flag bit in the PIFH register.A pull-up device is
connected to the associated Port H pin, if enabled by the associated bit in register PERH and if the port is used
as input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com