công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 145 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 145 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 141Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 142Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 143Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 144Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 145Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 146Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 147Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 148Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 149Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
145
1. Read: Anytime.
Write: Anytime.
Table 2-51. DDRH Register Field Descriptions
Field
Description
7
DDRH
Port H data direction—
This register controls the data direction of pin 7.
The enabled SCI5 forces the I/O state to be an output. Depending on the configuration of the enabled routed SPI2
this pin will be forced to be input or output. In those cases the data direction bits will not change. The DDRM bits
revert to controlling the I/O direction of a pin when the associated peripheral module is disabled.
1 Associated pin is configured as output.
0 Associated pin is configured as input.
6
DDRH
Port H data direction—
This register controls the data direction of pin 6.
The enabled SCI5 forces the I/O state to be an input. Depending on the configuration of the enabled routed SPI2
this pin will be forced to be input or output. In those cases the data direction bits will not change. The DDRM bits
revert to controlling the I/O direction of a pin when the associated peripheral module is disabled.
1 Associated pin is configured as output.
0 Associated pin is configured as input.
5
DDRH
Port H data direction—
This register controls the data direction of pin 5.
The enabled SCI4 forces the I/O state to be an output. Depending on the configuration of the enabled routed SPI2
this pin will be forced to be input or output. In those cases the data direction bits will not change. The DDRM bits
revert to controlling the I/O direction of a pin when the associated peripheral module is disabled.
1 Associated pin is configured as output.
0 Associated pin is configured as input.
4
DDRH
Port H data direction—
This register controls the data direction of pin 4.
The enabled SCI4 forces the I/O state to be an input. Depending on the configuration of the enabled routed SPI2
this pin will be forced to be input or output. In those cases the data direction bits will not change. The DDRM bits
revert to controlling the I/O direction of a pin when the associated peripheral module is disabled.
1 Associated pin is configured as output.
0 Associated pin is configured as input.
3
DDRH
Port H data direction—
This register controls the data direction of pin 3.
The enabled SCI7 forces the I/O state to be an output. Depending on the configuration of the enabled routed SPI1
this pin will be forced to be input or output. In those cases the data direction bits will not change. The DDRM bits
revert to controlling the I/O direction of a pin when the associated peripheral module is disabled.
1 Associated pin is configured as output.
0 Associated pin is configured as input.
2
DDRH
Port H data direction—
This register controls the data direction of pin 2.
The enabled SCI7 forces the I/O state to be an input. Depending on the configuration of the enabled routed SPI1
this pin will be forced to be input or output. In those cases the data direction bits will not change. The DDRM bits
revert to controlling the I/O direction of a pin when the associated peripheral module is disabled.
1 Associated pin is configured as output.
0 Associated pin is configured as input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com