công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 157 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 157 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 153Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 154Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 155Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 156Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 157Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 158Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 159Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 160Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 161Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
157
NOTE
Due to internal synchronization circuits, it can take up to 2 bus clock cycles
until the correct value is read on PT0AD0 registers, when changing the
DDR1AD0 register.
NOTE
To use the digital input function on Port AD0 the ATD Digital Input Enable
Register (ATD0DIEN1) has to be set to logic level “1”.
2.3.73
Port AD0 Reduced Drive Register 0 (RDR0AD0)
Table 2-68. DDR1AD0 Register Field Descriptions
Field
Description
7-0
DDR1AD0
Port AD0 data direction—
This register controls the data direction of pins 7 through 0.
1 Associated pin is configured as output.
0 Associated pin is configured as input.
Address 0x0274
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
RDR0AD07
RDR0AD06
RDR0AD05
RDR0AD04
RDR0AD03
RDR0AD02
RDR0AD01
RDR0AD00
W
Reset
00000000
Figure 2-71. Port AD0 Reduced Drive Register 0 (RDR0AD0)
Table 2-69. RDR0AD0 Register Field Descriptions
Field
Description
7-0
RDR0AD0
Port AD0 reduced drive—Select reduced drive for Port AD0 outputs
This register configures the drive strength of Port AD0 output pins 15 through 8 as either full or reduced independent
of the function used on the pins. If a pin is used as input this bit has no effect.
1 Reduced drive selected (approx. 1/5 of the full drive strength).
0 Full drive strength enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com