công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 155 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 155 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 151Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 152Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 153Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 154Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 155Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 156Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 157Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 158Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 159Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
155
2.3.69
Port AD0 Data Register 0 (PT0AD0)
2.3.70
Port AD0 Data Register 1 (PT1AD0)
Address 0x0270
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
PT0AD07
PT0AD06
PT0AD05
PT0AD04
PT0AD03
PT0AD02
PT0AD01
PT0AD00
W
Altern.
Function
AN15
AN14
AN13
AN12
AN11
AN10
AN9
AN8
Reset
00000000
Figure 2-67. Port AD0 Data Register 0 (PT0AD0)
Table 2-65. PT0AD0 Register Field Descriptions
Field
Description
7-0
PT0AD0
Port AD0 general purpose input/output data—Data Register
This register is associated with ATD0 analog inputs AN[15:8] on PAD[15:8], respectively.
When not used with the alternative function, this pin can be used as general purpose I/O.
If the associated data direction bits of these pins are set to 1, a read returns the value of the port register, otherwise
the buffered pin input state is read.
Address 0x0271
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
PT1AD07
PT1AD06
PT1AD05
PT1AD04
PT1AD03
PT1AD02
PT1AD01
PT1AD00
W
Altern.
Function
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
Reset
00000000
Figure 2-68. Port AD0 Data Register 1 (PT1AD0)
Table 2-66. PT1AD0 Register Field Descriptions
Field
Description
7-0
PT1AD0
Port AD0 general purpose input/output data—Data Register
This register is associated with ATD0 analog inputs AN[7:0] on PAD[7:0], respectively.
When not used with the alternative function, these pins can be used as general purpose I/O.
If the associated data direction bits of these pins are set to 1, a read returns the value of the port register, otherwise
the buffered pin input state is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com