công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 133 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 129Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 130Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 131Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 132Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 133Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 134Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 135Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 136Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
133
NOTE
Due to internal synchronization circuits, it can take up to 2 bus clock cycles
until the correct value is read on PTM or PTIM registers, when changing the
DDRM register.
4
DDRM
Port M data direction—
This register controls the data direction of pin 4.
The enabled CAN2, routed CAN0, or routed CAN4 forces the I/O state to be an input. Depending on the configuration
of the enabled routed SPI0 this pin will be forced to be input or output.In those cases the data direction bits will not
change. The DDRM bits revert to controlling the I/O direction of a pin when the associated peripheral module is
disabled.
1 Associated pin is configured as output.
0 Associated pin is configured as input.
3
DDRM
Port M data direction—
This register controls the data direction of pin 3.
The enabled CAN1 or routed CAN0 forces the I/O state to be an output. Depending on the configuration of the
enabled routed SPI0 this pin will be forced to be input or output. In those cases the data direction bits will not change.
The DDRM bits revert to controlling the I/O direction of a pin when the associated peripheral module is disabled.
1 Associated pin is configured as output.
0 Associated pin is configured as input.
2
DDRM
Port M data direction—
This register controls the data direction of pin 2.
The enabled CAN1 or routed CAN0 forces the I/O state to be an input. Depending on the configuration of the enabled
routed SPI0 this pin will be forced to be input or output.In those cases the data direction bits will not change. The
DDRM bits revert to controlling the I/O direction of a pin when the associated peripheral module is disabled.
1 Associated pin is configured as output.
0 Associated pin is configured as input.
1
DDRM
Port M data direction—
This register controls the data direction of pin 1.
The enabled CAN0 forces the I/O state to be an output. In those cases the data direction bits will not change. The
DDRM bits revert to controlling the I/O direction of a pin when the associated peripheral module is disabled.
1 Associated pin is configured as output.
0 Associated pin is configured as input.
0
DDRM
Port M data direction—
This register controls the data direction of pin 0.
The enabled CAN0 forces the I/O state to be an input. In those cases the data direction bits will not change. The
DDRM bits revert to controlling the I/O direction of a pin when the associated peripheral module is disabled.
1 Associated pin is configured as output.
0 Associated pin is configured as input.
Table 2-35. DDRM Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com