công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 135 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 131Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 132Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 133Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 134Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 135Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 136Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 137Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 138Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 139Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
135
2.3.42
Port M Polarity Select Register (PPSM)
2.3.43
Port M Wired-Or Mode Register (WOMM)
Address 0x0255
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
PPSM7
PPSM6
PPSM5
PPSM4
PPSM3
PPSM2
PPSM1
PPSM0
W
Reset
00000000
Figure 2-40. Port M Polarity Select Register (PPSM)
Table 2-38. PPSM Register Field Descriptions
Field
Description
7-0
PPSM
Port M pull device select—Determine pull device polarity on input pins
This register selects whether a pull-down or a pull-up device is connected to the pin. If CAN is active a pull-up device
can be activated on the RXCAN[3:0] inputs, but not a pull-down.
1 A pull-down device is connected to the associated Port M pin, if enabled by the associated bit in register PERM
and if the port is used as a general purpose but not as RXCAN.
0 A pull-up device is connected to the associated Port M pin, if enabled by the associated bit in register PERM and
if the port is used as general purpose or RXCAN input.
Address 0x0256
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
WOMM7
WOMM6
WOMM5
WOMM4
WOMM3
WOMM2
WOMM1
WOMM0
W
Reset
00000000
Figure 2-41. Port M Wired-Or Mode Register (WOMM)
Table 2-39. WOMM Register Field Descriptions
Field
Description
7-0
WOMM
Port M wired-or mode—Enable wired-or functionality
This register configures the output pins as wired-or independent of the function used on the pins. If enabled the
output is driven active low only (open-drain). A logic level of “1” is not driven.This allows a multipoint connection of
several serial modules. These bits have no influence on pins used as inputs.
1 Output buffers operate as open-drain outputs.
0 Output buffers operate as push-pull outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com