công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 132 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 128Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 129Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 130Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 131Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 132Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 133Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 134Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 135Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
132
Freescale Semiconductor
2.3.39
Port M Data Direction Register (DDRM)
1. Read: Anytime.
Write:Never, writes to this register have no effect.
Table 2-34. PTIM Register Field Descriptions
Field
Description
7-0
PTIM
Port M input data—
This register always reads back the buffered state of the associated pins. This can also be used to detect overload
or short circuit conditions on output pins.
Address 0x0252
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
DDRM7
DDRM6
DDRM5
DDRM4
DDRM3
DDRM2
DDRM1
DDRM0
W
Reset
00000000
Figure 2-37. Port M Data Direction Register (DDRM)
Table 2-35. DDRM Register Field Descriptions
Field
Description
7
DDRM
Port M data direction—
This register controls the data direction of pin 7.
The enabled CAN3, routed CAN4, or routed SCI3 forces the I/O state to be an output. In those cases the data
direction bits will not change. The DDRM bits revert to controlling the I/O direction of a pin when the associated
peripheral module is disabled.
1 Associated pin is configured as output.
0 Associated pin is configured as input.
6
DDRM
Port M data direction—
This register controls the data direction of pin 6.
The enabled CAN3, routed CAN4, or routed SCI3 forces the I/O state to be an input. In those cases the data direction
bits will not change. The DDRM bits revert to controlling the I/O direction of a pin when the associated peripheral
module is disabled.
1 Associated pin is configured as output.
0 Associated pin is configured as input.
5
DDRM
Port M data direction—
This register controls the data direction of pin 5.
The enabled CAN2, routed CAN0, or routed CAN4 forces the I/O state to be an output. Depending on the
configuration of the enabled routed SPI0 this pin will be forced to be input or output. In those cases the data direction
bits will not change. The DDRM bits revert to controlling the I/O direction of a pin when the associated peripheral
module is disabled.
1 Associated pin is configured as output.
0 Associated pin is configured as input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com