công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 130 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 126Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 127Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 128Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 129Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 130Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 131Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 132Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 133Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
130
Freescale Semiconductor
2.3.37
Port M Data Register (PTM)
Address 0x0250
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
PTM7
PTM6
PTM5
PTM4
PTM3
PTM2
PTM1
PTM0
W
Altern.
Function
TXCAN3
RXCAN3
TXCAN2
RXCAN2
TXCAN1
RXCAN1
TXCAN0
RXCAN0
—
—
(TXCAN0)
(RXCAN0)
(TXCAN0)
(RXCAN0)
—
—
(TXCAN4)
(RXCAN4)
(TXCAN4)
(RXCAN4)
————
—
—
(SCK0)
(MOSI0)
(SS0)
(MISO0)
—
—
TXD3
RXD3
——————
Reset
00000000
Figure 2-35. Port M Data Register (PTM)
Table 2-33. PTM Register Field Descriptions
Field
Description
7-6
PTM
Port M general purpose input/output data—Data Register
Port M pins 7 and 6 are associated with TXCAN and RXCAN signals of CAN3 and the routed CAN4, as well as with
TXD and RXD signals of SCI3, respectively.
The CAN3 function takes precedence over the CAN4, SCI3 and the general purpose I/O function if the CAN3 module
is enabled. The CAN4 function takes precedence over the SCI3 and the general purpose I/O function if the CAN4
module is enabled. The SCI3 function takes precedence over the general purpose I/O function if the SCI3 module
is enabled.
When not used with the alternative function, this pin can be used as general purpose I/O.
If the associated data direction bit of this pin is set to 1, a read returns the value of the port register, otherwise the
buffered pin input state is read.
5
PTM
Port M general purpose input/output data—Data Register
Port M pin 5 is associated with the TXCAN signal of CAN2 and the routed CAN4 and CAN0, as well as with SCK
signals of SPI0.
The CAN2 function takes precedence over the routed CAN0, routed CAN4, the routed SPI0 and the general purpose
I/O function if the CAN2 module is enabled. The routed CAN0 function takes precedence over the routed CAN4, the
routed SPI0 and the general purpose I/O function if the routed CAN0 module is enabled. The routed CAN4 function
takes precedence over the routed SPI0 and general purpose I/O function if the routed CAN4 module is enabled. The
routed SPI0 function takes precedence of the general purpose I/O function if the routed SPI0 is enabled.
When not used with the alternative function, this pin can be used as general purpose I/O.
If the associated data direction bit of this pin is set to 1, a read returns the value of the port register, otherwise the
buffered pin input state is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com