công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 119 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 115Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 116Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 117Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 118Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 119Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 120Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 121Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 122Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
119
2.3.17
IRQ Control Register (IRQCR)
2.3.18
PIM Reserved Register
This register is reserved for factory testing of the PIM module and is not available in normal operation.
Address 0x001E
Access: User read/write(1)
1. Read: See individual bit descriptions below.
Write: See individual bit descriptions below.
76543210
R
IRQE
IRQEN
000000
W
Reset
01000000
= Unimplemented or Reserved
Figure 2-15. IRQ Control Register (IRQCR)
Table 2-17. IRQCR Register Field Descriptions
Field
Description
7
IRQE
IRQ select edge sensitive only—
Special modes: Read or write anytime.
Normal & emulation modes: Read anytime, write once.
1 IRQ configured to respond only to falling edges. Falling edges on the IRQ pin will be detected anytime IRQE = 1
and will be cleared only upon a reset or the servicing of the IRQ interrupt.
0 IRQ configured for low level recognition.
6
IRQEN
External IRQ enable—
Read or write anytime.
1 External IRQ pin is connected to interrupt logic.
0 External IRQ pin is disconnected from interrupt logic.
5-0
Reserved—
Address 0x001F
Access: User read(1)
1. Read: Always reads 0x00
Write: Unimplemented
NOTE
Writing to this register when in special modes can alter the pin functionality.
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 2-16. PIM Reserved Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com