công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 121 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 117Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 118Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 119Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 120Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 121Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 122Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 123Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 124Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
121
2.3.21
Port T Data Register (PTT)
Table 2-19. DDRK Register Field Descriptions
Field
Description
7-0
DDRK
Port K Data Direction—
This register controls the data direction of pins 7 through 0.
The external bus function controls the data direction for the associated pins. In this case the data direction bits will
not change.
When operating a pin as a general purpose I/O, the associated data direction bit determines whether it is an input
or output.
1 Associated pin is configured as output.
0 Associated pin is configured as high-impedance input.
Address 0x0240
Access: User read/write(1)
1. Read: Anytime.
Write: Anytime.
76543210
R
PTT7
PTT6
PTT5
PTT4
PTT3
PTT2
PTT1
PTT0
W
Altern.
Function
IOC7
IOC6
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
—
—
VREG_API
—————
Reset
00000000
Figure 2-19. Port T Data Register (PTT)
Table 2-20. PTT Register Field Descriptions
Field
Description
7-6
PTT
Port T general purpose input/output data—Data Register
Port T pins 7 through 0 are associated with ECT channels IOC7 and IOC6.
When not used with the alternative function, these pins can be used as general purpose I/O.
If the associated data direction bit of this pin is set to 1, a read returns the value of the port register, otherwise the
buffered pin input state is read.
5
PTT
Port T general purpose input/output data—Data Register
Port T pins 5 is associated with ECT channel IOC5 and the VREG_API output.
The ECT function takes precedence over the VREG_API and the general purpose I/O function if the related channel
is enabled.
When not used with the alternative function, these pins can be used as general purpose I/O.
If the associated data direction bit of this pin is set to 1, a read returns the value of the port register, otherwise the
buffered pin input state is read.
4-0
PTT
Port T general purpose input/output data—Data Register
Port T pins 4 through 0 are associated with ECT channels IOC4 through IOC0.
When not used with the alternative function, these pins can be used as general purpose I/O.
If the associated data direction bit of this pin is set to 1, a read returns the value of the port register, otherwise the
buffered pin input state is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com