công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 118 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 118 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 114Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 115Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 116Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 117Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 118Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 119Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 120Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 121Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 122Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
118
Freescale Semiconductor
The ECLKCTL register is used to control the availability of the free-running clocks and the free-running
clock divider.
2.3.16
PIM Reserved Register
Table 2-16. ECLKCTL Register Field Descriptions
Field
Description
7
NECLK
No ECLK—Disable ECLK output
This bit controls the availability of a free-running clock on the ECLK pin.
Clock output is always active in emulation modes and if enabled in all other operating modes.
1 ECLK disabled
0 ECLK enabled
6
NCLKX2
No ECLKX2—Disable ECLKX2 output
This bit controls the availability of a free-running clock on the ECLKX2 pin. This clock has a fixed rate of twice the
internal Bus Clock.
Clock output is always active in emulation modes and if enabled in all other operating modes.
1 ECLKX2 disabled
0 ECLKX2 enabled
5
DIV16
Free-running ECLK predivider—Divide by 16
This bit enables a divide-by-16 stage on the selected EDIV rate.
1 Divider enabled: ECLK rate = EDIV rate divided by 16
0 Divider disabled: ECLK rate = EDIV rate
4-0
EDIV
Free-running ECLK Divider—Configure ECLK rate
These bits determine the rate of the free-running clock on the ECLK pin. Divider is always disabled in emulation
modes and active as programmed in all other operating modes.
00000 ECLK rate = Bus Clock rate
00001 ECLK rate = Bus Clock rate divided by 2
00010 ECLK rate = Bus Clock rate divided by 3, ...
11111 ECLK rate = Bus Clock rate divided by 32
Address 0x001D (PRR)
Access: User read(1)
1. Read: Always reads 0x00
Write: Unimplemented
76543210
R
00000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 2-14. PIM Reserved Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com