công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 115 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 111Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 112Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 113Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 114Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 115Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 116Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 117Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 118Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
Freescale Semiconductor
115
Table 2-14. PUCR Register Field Descriptions
Field
Description
7
PUPKE
Pull-up Port K Enable—Enable pull-up devices on all Port K input pins
This bit configures whether pull-up devices are activated, if the pins are used as inputs. This bit has no effect if the
pins are used as outputs. Out of reset the pull-up devices are enabled.
1 Pull-up devices enabled.
0 Pull-up devices disabled.
6
BKPUE
BKGD pin pull-up Enable—Enable pull-up devices on BKGD pin
This bit configures whether a pull-up device is activated, if the pin is used as input. This bit has no effect if the pin is
used as outputs. Out of reset the pull-up device is enabled.
1 Pull-up device enabled.
0 Pull-up device disabled.
5
Reserved—
4
PUPEE
Pull-up Port E Enable—Enable pull-up devices on all Port E input pins except on pins 5 and 6 which have pull-down
devices only enabled during reset. This bit has no effect on these pins.
This bit configures whether pull-up devices are activated, if the pins are used as inputs. This bit has no effect if the
pins are used as outputs. Out of reset the pull-up devices are enabled.
1 Pull-up devices enabled.
0 Pull-up devices disabled.
3
PUPDE
Pull-up Port D Enable—Enable pull-up devices on all Port D input pins
This bit configures whether pull-up devices are activated, if the pins are used as inputs. This bit has no effect if the
pins are used as outputs. Out of reset the pull-up devices are disabled.
1 Pull-up devices enabled.
0 Pull-up devices disabled.
2
PUPCE
Pull-up Port C Enable—Enable pull-up devices on all Port C input pins
This bit configures whether pull-up devices are activated, if the pins are used as inputs. This bit has no effect if the
pins are used as outputs. Out of reset the pull-up devices are disabled.
1 Pull-up devices enabled.
0 Pull-up devices disabled.
1
PUPBE
Pull-up Port B Enable—Enable pull-up devices on all Port B input pins
This bit configures whether pull-up devices are activated, if the pins are used as inputs. This bit has no effect if the
pins are used as outputs. Out of reset the pull-up devices are disabled.
1 Pull-up devices enabled.
0 Pull-up devices disabled.
0
PUPAE
Pull-up Port A Enable—Enable pull-up devices on all Port A input pins
This bit configures whether pull-up devices are activated, if the pins are used as inputs. This bit has no effect if the
pins are used as outputs. Out of reset the pull-up devices are disabled.
1 Pull-up devices enabled.
0 Pull-up devices disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com