công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 248 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 248 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 244Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 245Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 246Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 247Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 248Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 249Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 250Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 251Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 252Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 1324 page
background image
Chapter 5 External Bus Interface (S12XEBIV4)
MC9S12XE-Family Reference Manual , Rev. 1.21
248
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
5.4
Functional Description
This section describes the functions of the external bus interface. The availability of external signals and
functions in relation to the operating mode is initially summarized and described in more detail in separate
sub-sections.
5.4.1
Operating Modes and External Bus Properties
A summary of the external bus interface functions for each operating mode is shown in Table 5-9.
Table 5-7. EBICTL1 Field Descriptions
Field
Description
6–4
EXSTR1[2:0]
External Access Stretch Option 1 Bits 2, 1, 0 — This three bit field determines the amount of additional clock
stretch cycles on every access to the external address space as shown in Table 5-8.
2–0
EXSTR0[2:0]
External Access Stretch Option 0 Bits 2, 1, 0 — This three bit field determines the amount of additional clock
stretch cycles on every access to the external address space as shown in Table 5-8.
Table 5-8. External Access Stretch Bit Definition
EXSTRx[2:0]
Number of Stretch Cycles
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111
8
Table 5-9. Summary of Functions
Properties
(if Enabled)
Single-Chip Modes
Expanded Modes
Normal
Single-Chip
Special
Single-Chip
Normal
Expanded
Emulation
Single-Chip
Emulation
Expanded
Special
Test
Timing Properties
PRR access(1)
2 cycles
read internal
write internal
2 cycles
read internal
write internal
2 cycles
read internal
write internal
2 cycles
read external
write int & ext
2 cycles
read external
write int & ext
2 cycles
read internal
write internal
Internal access
visible externally
——
—
1 cycle
1 cycle
1 cycle
External
address access
and
unimplemented area
access(2)
—
—
Max. of 2 to 9
programmed
cycles
or n cycles of
ext. wait(3)
1 cycle
Max. of 2 to 9
programmed
cycles
or n cycles of
ext. wait3
1 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com