công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 245 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 245 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 241Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 242Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 243Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 244Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 245Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 246Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 247Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 248Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 249Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 1324 page
background image
Chapter 5 External Bus Interface (S12XEBIV4)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
245
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
5.3
Memory Map and Register Definition
This section provides a detailed description of all registers accessible in the XEBI.
5.3.1
Module Memory Map
The registers associated with the XEBI block are shown in Figure 5-2.
5.3.2
Register Descriptions
The following sub-sections provide a detailed description of each register and the individual register bits.
All control bits can be written anytime, but this may have no effect on the related function in certain
operating modes. This allows specific configurations to be set up before changing into the target operating
mode.
NOTE
Depending on the operating mode an available function may be enabled,
disabled or depend on the control register bit. Reading the register bits will
reflect the status of related function only if the current operating mode
allows user control. Please refer the individual bit descriptions.
5.3.2.1
External Bus Interface Control Register 0 (EBICTL0)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes, the data is read from this register.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
Register
Name
Bit 7
6
5
4
3
2
1
Bit 0
0x0E
EBICTL0
R
ITHRS
0
HDBE
ASIZ4
ASIZ3
ASIZ2
ASIZ1
ASIZ0
W
0x0F
EBICTL1
R0
EXSTR12
EXSTR11
EXSTR10
0
EXSTR02
EXSTR01
EXSTR00
W
= Unimplemented or Reserved
Figure 5-2. XEBI Register Summary
Module Base +0x000E (PRR)
76543210
R
ITHRS
0
HDBE
ASIZ4
ASIZ3
ASIZ2
ASIZ1
ASIZ0
W
Reset
00111111
= Unimplemented or Reserved
Figure 5-3. External Bus Interface Control Register 0 (EBICTL0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com