công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 247 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 247 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 243Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 244Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 245Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 246Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 247Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 248Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 249Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 250Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 251Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 1324 page
background image
Chapter 5 External Bus Interface (S12XEBIV4)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
247
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
5.3.2.2
External Bus Interface Control Register 1 (EBICTL1)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in all other
modes the data is read from this register.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
This register allows programming of two independent values determining the amount of additional stretch
cycles for external accesses (wait states).
With two bits in S12X_MMC register MMCCTL0 for every individual CSx line one of the two counter
options or the EWAIT input is selected as stretch source. The chip select outputs can also be disabled to
free up the pins for alternative functions (Table 5-6). Refer also to S12X_MMC section for register bit
descriptions.
If EWAIT input usage is selected in MMCCTL0 the minimum number of stretch cycles is 2 for accesses
to the related address range.
If configured respectively, stretch cycles are added as programmed or dependent on EWAIT in normal
expanded mode and emulation expanded mode; function not available in all other operating modes.
00011
ADDR[2:1], UDS
::
10110
ADDR[21:1], UDS
10111
:
11111
ADDR[22:1], UDS
Module Base +0x000F (PRR)
76543210
R0
EXSTR12
EXSTR11
EXSTR10
0
EXSTR02
EXSTR01
EXSTR00
W
Reset
01110111
= Unimplemented or Reserved
Figure 5-4. External Bus Interface Control Register 1 (EBICTL1)
Table 5-6. Chip select function
CSxE1
CSxE0
Function
00
CSx disabled
01
CSx stretched with EXSTR0
10
CSx stretched with EXSTR1
11
CSx stretched with EWAIT
Table 5-5. External Address Bus Size
ASIZ[4:0]
Available External Address Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com