công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 246 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 246 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 242Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 243Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 244Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 245Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 246Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 247Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 248Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 249Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 250Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 1324 page
background image
Chapter 5 External Bus Interface (S12XEBIV4)
MC9S12XE-Family Reference Manual , Rev. 1.21
246
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
This register controls input pin threshold level and determines the external address and data bus sizes in
normal expanded mode. If not in use with the external bus interface, the related pins can be used for
alternative functions.
External bus is available as programmed in normal expanded mode and always full-sized in emulation
modes and special test mode; function not available in single-chip modes.
Table 5-3. EBICTL0 Field Descriptions
Field
Description
7
ITHRS
Reduced Input Threshold — This bit selects reduced input threshold on external data bus pins and specific
control input signals which are in use with the external bus interface in order to adapt to external devices with a
3.3 V, 5 V tolerant I/O.
The reduced input threshold level takes effect depending on ITHRS, the operating mode and the related enable
signals of the EBI pin function as summarized in Table 5-4.
0 Input threshold is at standard level on all pins
1 Reduced input threshold level enabled on pins in use with the external bus interface
5
HDBE
High Data Byte Enable — This bit enables the higher half of the 16-bit data bus. If disabled, only the lower 8-
bit data bus can be used with the external bus interface. In this case the unused data pins and the data select
signals (UDS and LDS) are free to be used for alternative functions.
0 DATA[15:8], UDS, and LDS disabled
1 DATA[15:8], UDS, and LDS enabled
4–0
ASIZ[4:0]
External Address Bus Size — These bits allow scalability of the external address bus. The programmed value
corresponds to the number of available low-aligned address lines (refer to Table 5-5). All address lines
ADDR[22:0] start up as outputs after reset in expanded modes. This needs to be taken into consideration when
using alternative functions on relevant pins in applications which utilize a reduced external address bus.
Table 5-4. Input Threshold Levels on External Signals
ITHRS
External Signal
NS
SS
NX
ES
EX
ST
0
DATA[15:8]
TAGHI, TAGLO
Standard
Standard
Standard
Reduced
Reduced
Standard
DATA[7:0]
EWAIT
Standard
Standard
1
DATA[15:8]
TAGHI, TAGLO
Standard
Standard
Reduced
if HDBE = 1
Reduced
Reduced
Reduced
DATA[7:0]
Reduced
EWAIT
Reduced
if EWAIT
enabled(1)
1. EWAIT function is enabled if at least one CSx line is configured respectively in MMCCTL0. Refer to S12X_MMC section and
Table 5-6.
Standard
Reduced
if EWAIT
enabled1
Standard
Table 5-5. External Address Bus Size
ASIZ[4:0]
Available External Address Lines
00000
None
00001
UDS
00010
ADDR1, UDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com