| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9689-2000EBZ bảng dữ liệu(PDF) 62 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9689-2000EBZ bảng dữ liệu(HTML) 62 Page - Analog Devices |
|
62 / 134 page ![]() AD9689 Data Sheet Rev. A | Page 62 of 134 DDC MIXED DECIMATION SETTINGS The AD9689 also supports DDCs with different decimation rates. In this scenario, the chip decimation ratio must be set to the lowest decimation ratio of all the DDC channels. Samples of higher decimation ratio DDCs are repeated to match the chip decimation ratio sample rate. Only mixed decimation ratios that are integer multiples of 2 are supported. For example, decimate by 1, 2, 4, 8, or 16 can be mixed together; decimate by 3, 6, 12, 24, or 48 can be mixed together; or decimate by 5, 10, 20, or 40 can be mixed together. Table 25 shows the DDC sample mapping when the chip decimation ratio is different than the DDC decimation ratio. For example, if the chip decimation ratio is set to decimate by 4, DDC0 is set to use the HB2 + HB1 filters (complex outputs are decimate by 4) and DDC1 is set to use the HB4 + HB3 + HB2 + HB1 filters (real outputs are decimate by 8), then DDC1 repeats its output data two times for every one DDC0 output. The resulting output samples are shown in Table 26. Table 25. Sample Mapping When the Chip Decimation Ratio (DCM) Does Not Match DDC DCM Sample Index DDC DCM = Chip DCM DDC DCM = 2 × Chip DCM DDC DCM = 4 × Chip DCM DDC DCM = 8 × Chip DCM 0 N N N N 1 N + 1 N N N 2 N + 2 N + 1 N N 3 N + 3 N + 1 N N 4 N + 4 N + 2 N + 1 N 5 N + 5 N + 2 N + 1 N 6 N + 6 N + 3 N + 1 N 7 N + 7 N + 3 N + 1 N 8 N + 8 N + 4 N + 2 N + 1 9 N + 9 N + 4 N + 2 N + 1 10 N + 10 N + 5 N + 2 N + 1 11 N + 11 N + 5 N + 2 N + 1 12 N + 12 N + 6 N + 3 N + 1 13 N + 13 N + 6 N + 3 N + 1 14 N + 14 N + 7 N + 3 N + 1 15 N + 15 N + 7 N + 3 N + 1 16 N + 16 N + 8 N + 4 N + 2 17 N + 17 N + 8 N + 4 N + 2 18 N + 18 N + 9 N + 4 N + 2 19 N + 19 N + 9 N + 4 N + 2 20 N + 20 N + 10 N + 5 N + 2 21 N + 21 N + 10 N + 5 N + 2 22 N + 22 N + 11 N + 5 N + 2 23 N + 23 N + 11 N + 5 N + 2 24 N + 24 N + 12 N + 6 N + 3 25 N + 25 N + 12 N + 6 N + 3 26 N + 26 N + 13 N + 6 N + 3 27 N + 27 N + 13 N + 6 N + 3 28 N + 28 N + 14 N + 7 N + 3 29 N + 29 N + 14 N + 7 N + 3 30 N + 30 N + 15 N + 7 N + 3 31 N + 31 N + 15 N + 7 N + 3 |