công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9689-2000EBZ bảng dữ liệu(PDF) 54 Page - Analog Devices

tên linh kiện AD9689-2000EBZ
Giải thích chi tiết về linh kiện  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9689-2000EBZ bảng dữ liệu(HTML) 54 Page - Analog Devices

Back Button AD9689-2000EBZ Datasheet HTML 50Page - Analog Devices AD9689-2000EBZ Datasheet HTML 51Page - Analog Devices AD9689-2000EBZ Datasheet HTML 52Page - Analog Devices AD9689-2000EBZ Datasheet HTML 53Page - Analog Devices AD9689-2000EBZ Datasheet HTML 54Page - Analog Devices AD9689-2000EBZ Datasheet HTML 55Page - Analog Devices AD9689-2000EBZ Datasheet HTML 56Page - Analog Devices AD9689-2000EBZ Datasheet HTML 57Page - Analog Devices AD9689-2000EBZ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 54 of 134
The synchronization triggering mechanism uses a master/slave
arrangement, as shown in Figure 116.
CLOCK
GENERATION
SYSREF±
DEVICE_CLOCK±
MNTO
SNTI
SNTI
SNTI
1 LINK,
L LANES
1 LINK,
L LANES
1 LINK,
L LANES
1 LINK,
L LANES
ADC DEVICE 0
(MASTER)
ADC DEVICE 1
(SLAVE)
ADC DEVICE 2
(SLAVE)
ADC DEVICE 3
(SLAVE)
MNTO = MASTER NEXT TRIGGER OUTPUT (CMOS)
SNTI = SLAVE NEXT TRIGGER INPUT (CMOS)
Figure 116. System Using Master/Slave Synchronization Triggering
Each device has an internal next synchronization trigger enable
(NSTE) signal that controls whether the next SYSREF signal
causes a synchronization event. Slave ADC devices must source
their NSTE from an external slave next trigger input (SNTI) pin.
Master devices can either use an external master next trigger
output (MNTO) pin (default setting), or use an external SNTI pin.
See Table 47 (Register 0x0041 and Register 0x0042) to configure
the FD_x/GPIO pins for this operation.
NCO Multichip Synchronization at Startup
Figure 117 shows a timing diagram along with the required
sequence of events for NCO multichip synchronization using
triggering and SYSREF at startup. Using this start-up sequence
synchronizes all the NCOs and LMFCs in the system at once.
NCO Multichip Synchronization During Normal Operation
See the Setting Up the Multichannel NCO Feature section.
MNTO
SNTI
SYSREF
DEVICE
CLOCK
LMFCs
DON’T CARE
DON’T CARE
NCOs
NCO
SYNCHRONIZED
LMFC
SYNCHRONIZED
BOARD PROPAGATION
DELAY
NSTE
INPUT DELAY
CONFIGURE MASTER
AND SLAVE DEVICES
ENABLE TRIGGER IN
MASTER DEVICES
MNTO SET HIGH
SNTI SET HIGH
SYSTEM
SYNCHRONIZATION
ACHIEVED
SYSREF
IGNORED
MNTO = MASTER NEXT TRIGGER OUTPUT (CMOS)
SNTI = SLAVE NEXT TRIGGER INPUT (CMOS)
NSTE = NEXT SYNCHRONIZATION TRIGGER ENABLE
LMFC = LOCAL MULTIFRAME CLOCK
NCO = NUMERICALLY CONTROLLED OSCILLATOR
Figure 117. NCO Multichip Synchronization at Startup (Using Triggering and SYSREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More