công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 193 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 193 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 189Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 190Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 191Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 192Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 193Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 194Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 195Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 196Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 197Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 1324 page
background image
Chapter 3 Memory Mapping Control (S12XMMCV4)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
193
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
3.3.2
Register Descriptions
3.3.2.1
MMC Control Register (MMCCTL0)
Read: Anytime. In emulation modes read operations will return the data from the external bus. In all other
modes the data is read from this register.
Write: Anytime. In emulation modes write operations will also be directed to the external bus.
The MMCCTL0 register is used to control external bus functions, like:
•
Availability of chip selects. (See Table 3-5 and Table 3-6)
•
Control of different external stretch mechanism. For more detail refer to the S12X_EBI
BlockGuide.
CAUTION
XGATE write access to this register during an CPU access which makes use
of this register could lead to unexpected results.
Address: 0x000A PRR
76543210
R
CS3E1
CS3E0
CS2E1
CS2E0
CS1E1
CS1E0
CS0E1
CS0E0
W
Reset
0000000
ROMON1
1. ROMON is bit[0] of the register MMCTL1 (see Figure 3-10)
= Unimplemented or Reserved
Figure 3-3. MMC Control Register (MMCCTL0)
Table 3-5. Chip Selects Function Activity
Register Bit
Chip Modes
NS
SS
NX
ES
EX
ST
CS0E[1:0], CS1E[1:0],
CS2E[1:0], CS3E[1:0]
Disabled(1)
1. Disabled: feature always inactive.
Disabled
Enabled(2)
2. Enabled: activity is controlled by the appropriate register bit value.
Disabled
Enabled
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com