công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 194 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 194 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 190Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 191Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 192Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 193Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 194Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 195Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 196Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 197Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 198Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 1324 page
background image
Chapter 3 Memory Mapping Control (S12XMMCV4)
MC9S12XE-Family Reference Manual , Rev. 1.21
194
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
Table 3-7 shows the address boundaries of each chip select and the relationship with the implemented
resources (internal) parameters.
Table 3-6. MMCCTL0 Field Descriptions
Field
Description
7–6
CS3E[1:0]
Chip Select 3 Enables — These bits enable the external chip select CS3 output which is asserted during
accesses to specific external addresses. The associated global address range is shown in Table 3-7 and
Figure 3-17.
Chip select 3 is only active if enabled in Normal Expanded mode, Emulation Expanded mode.
The function disabled in all other operating modes.
00
Chip select 3 is disabled
01,10,11 Chip select 3 is enabled
5–4
CS2E[1:0]
Chip Select 2 Enables — These bits enable the external chip select CS2 output which is asserted during
accesses to specific external addresses. The associated global address range is shown in Table 3-7 and
Figure 3-17.
Chip select 2 is only active if enabled in Normal Expanded mode, Emulation Expanded mode.
The function disabled in all other operating modes.
00
Chip select 2 is disabled
01,10,11 Chip select 2 is enabled
3–2
CS1E[1:0]
Chip Select 1 Enables — These bits enable the external chip select CS1 output which is asserted during
accesses to specific external addresses. The associated global address range is shown in Table 3-7 and
Figure 3-17.
Chip select 1 is only active if enabled in Normal Expanded mode, Emulation Expanded mode.
The function disabled in all other operating modes.
00
Chip select 1 is disabled
01,10,11 Chip select 1 is enabled
1–0
CS0E[1:0]
Chip Select 0 Enables — These bits enable the external chip select CS0 output which is asserted during
accesses to specific external addresses. The associated global address range is shown in Table 3-7 and
Figure 3-17.
Chip select 0 is only active if enabled in Normal Expanded mode, Emulation Expanded mode.
The function disabled in all other operating modes.
00
Chip select 0 is disabled
01,10,11 Chip select 0 is enabled
Table 3-7. Global Chip Selects Memory Space
Chip Selects
Bottom Address
Top Address
CS3
0x00_0800
0x0F_FFFF minus RAMSIZE(1)
1. External RPAGE accesses in (NX, EX)
CS2(2)
2. When ROMHM is set (see ROMHM in Table 3-16) the CS2 is asserted in the space occupied by this on-
chip memory block.
0x14_0000
0x1F_FFFF
CS1
0x20_0000
0x3F_FFFF
CS0(3)
3. When the internal NVM is enabled (see ROMON in Section 3.3.2.5, “MMC Control Register (MMCCTL1))
the CS0 is not asserted in the space occupied by this on-chip memory block.
0x40_0000
0x7F_FFFF minus FLASHSIZE(4)
4. External PPAGE accesses in (NX, EX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com