công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 189 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 189 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 185Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 186Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 187Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 188Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 189Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 190Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 191Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 192Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 193Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 1324 page
background image
Chapter 3 Memory Mapping Control (S12XMMCV4)
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
189
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
•
Simultaneous accesses to different resources1 (internal, external, and peripherals) (see Figure 3-1 )
•
Resolution of target bus access collision
•
MCU operation mode control
•
MCU security control
•
Separate memory map schemes for each master CPU, BDM and XGATE
•
ROM control bits to enable the on-chip FLASH or ROM selection
•
Port replacement registers access control
•
Generation of system reset when CPU accesses an unimplemented address (i.e., an address which
does not belong to any of the on-chip modules) in single-chip modes
3.1.3
S12X Memory Mapping
The S12X architecture implements a number of memory mapping schemes including
•
a CPU 8 MByte global map, defined using a global page (GPAGE) register and dedicated 23-bit
address load/store instructions.
•
a BDM 8 MByte global map, defined using a global page (BDMGPR) register and dedicated 23-
bit address load/store instructions.
•
a (CPU or BDM) 64 KByte local map, defined using specific resource page (RPAGE, EPAGE and
PPAGE) registers and the default instruction set. The 64 KBytes visible at any instant can be
considered as the local map accessed by the 16-bit (CPU or BDM) address.
•
The XGATE 64 Kbyte local map.
The MMC module performs translation of the different memory mapping schemes to the specific global
(physical) memory implementation.
3.1.4
Modes of Operation
This subsection lists and briefly describes all operating modes supported by the MMC.
3.1.4.1
Power Saving Modes
•
Run mode
MMC is functional during normal run mode.
•
Wait mode
MMC is functional during wait mode.
•
Stop mode
MMC is inactive during stop mode.
3.1.4.2
Functional Modes
•
Single chip modes
In normal and special single chip mode the internal memory is used. External bus is not active.
1. Resources are also called targets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com