công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 354 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 354 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 350Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 351Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 352Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 353Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 354Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 355Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 356Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 357Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 358Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 1324 page
background image
Chapter 10 XGATE (S12XGATEV3)
MC9S12XE-Family Reference Manual , Rev. 1.21
354
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
10.2
External Signal Description
The XGATE module has no external pins.
10.3
Memory Map and Register Definition
This section provides a detailed description of address space and registers used by the XGATE module.
The memory map for the XGATE module is given below in Figure 10-2.The address listed for each register
is the sum of a base address and an address offset. The base address is defined at the SoC level and the
address offset is defined at the module level. Reserved registers read zero. Write accesses to the reserved
registers have no effect.
10.3.1
Register Descriptions
This section consists of register descriptions in address order. Each description includes a standard register
diagram with an associated figure number. Details of register bits and field functions follow the register
diagrams, in bit order.
Register
Name
15
14
13
12
11
10
9876543210
0x0000
XGMCTL
R
00000000
XGE XGFRZ XGDBG XGSS
XG
FACT
0
XG
SWEF
XGIE
W
XGEM
XG
FRZM
XG
DBGM
XGSSM
XG
FACTM
XG
SWEFM
XGIEM
0x0002
XGCHID
R
0
XGCHID[6:0]
W
0x0003
XGCHPL
R
00000
XGCHPL[2:0]
W
0x0004
Reserved
R
W
0x0005
XGISPSEL
R
000000
XGISPSEL[1:0]
W
0x0006
XGISP74
R
XGISP74[15:1]
0
W
0x0006
XGISP31
R
XGISP31[15:1]
0
W
0x0006
XGVBR
R
XGVBR[15:1]
0
W
= Unimplemented or Reserved
Figure 10-2. XGATE Register Summary (Sheet 1 of 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com