công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P9S12XEP100J1VVLR bảng dữ liệu(PDF) 352 Page - Freescale Semiconductor, Inc

tên linh kiện P9S12XEP100J1VVLR
Giải thích chi tiết về linh kiện  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100J1VVLR bảng dữ liệu(HTML) 352 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100J1VVLR Datasheet HTML 348Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 349Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 350Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 351Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 352Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 353Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 354Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 355Page - Freescale Semiconductor, Inc P9S12XEP100J1VVLR Datasheet HTML 356Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 1324 page
background image
Chapter 10 XGATE (S12XGATEV3)
MC9S12XE-Family Reference Manual , Rev. 1.21
352
Freescale Semiconductor
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
XGATE Channel ID
A 7-bit identifier associated with an XGATE channel. In S12XE designs valid Channel IDs range
from $0D to $78.
XGATE Priority Level
A priority ranging from 1 to 7 which is associated with an XGATE channel. The priority level of
an XGATE channel is selected in the S12X_INT module.
XGATE Register Bank
A register bank consists of registers R1-R7, CCR and the PC. Each interrupt level is associated with
one register bank.
XGATE Channel Interrupt
An S12X_CPU interrupt that is triggered by a code sequence running on the XGATE module.
XGATE Software Channel
Special XGATE channel that is not associated with any peripheral service request. A Software
Channel is triggered by its Software Trigger Bit which is implemented in the XGATE module.
XGATE Semaphore
A set of hardware flip-flops that can be exclusively set by either the S12X_CPU or the XGATE.
(see Section 10.4.4, “Semaphores”)
XGATE Thread
A code sequence which is executed by the XGATE’s RISC core after receiving an XGATE request.
XGATE Debug Mode
A special mode in which the XGATE’s RISC core is halted for debug purposes. This mode enables
the XGATE’s debug features (see Section 10.6, “Debug Mode”).
XGATE Software Error
The XGATE is able to detect a number of error conditions caused by erratic software (see
Section 10.4.5, “Software Error Detection”). These error conditions will cause the XGATE to seize
program execution and flag an Interrupt to the S12X_CPU.
Word
A 16 bit entity.
Byte
An 8 bit entity.
10.1.2
Features
The XGATE module includes these features:
•
Data movement between various targets (i.e. Flash, RAM, and peripheral modules)
•
Data manipulation through built in RISC core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com