công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IS43LD16640C bảng dữ liệu(PDF) 72 Page - Integrated Silicon Solution, Inc

tên linh kiện IS43LD16640C
Giải thích chi tiết về linh kiện  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ISSI [Integrated Silicon Solution, Inc]
Trang chủ  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C bảng dữ liệu(HTML) 72 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 76Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
72
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Notes:
1. At time Ty, the device is in the idle state.
2. Only the NOP command is supported during tMRW.
Data Calibration Pattern Description
Truth Table for MRR and MRW
MODE REGISTER WRITE Command
The MODE REGISTER WRITE (MRW) command is used to write configuration data to the mode
registers. The MRW command is initiated with CS# LOW, CA0 LOW, CA1 LOW, CA2 LOW, and
CA3 LOW at the rising edge of the clock. The mode register is selected by
CA1f–CA0f, CA9r–CA4r. The data to be written to the mode register is contained in CA9f–CA2f.
The MRW command period is defined by tMRW. MRWs to read-only registers have no impact on
the functionality of the device. MRW can only be issued when all banks are in the idle precharge
state. One method of ensuring that the banks are in this state is to issue a PRECHARGE ALL com-
mand.
MODE REGISTER WRITE Timing – RL = 3, tMRW = 5
Pattern
MR#Bit Time 0Bit Time 1Bit Time 2Bit Time 3Notes
Pattern AMR321
01
0
Reads to MR32 return DQ callibration pattern A
Pattern BMR400
01
1
Reads to MR32 return DQ callibration pattern B
Current State
CommandIntermediate StateNext State
MRRMode Register Reading (All Banks idle)All Banks idle
MRWMode Register Writing (All Banks idle)All Banks idle
MRW (Reset)
Restting (Device Auto-Init)
All Banks idle
MRRMode Register Reading (Bank(s) idle)Bank(s) Active
MRW
Not AllowedNot Allowed
MRW (Reset)
Not AllowedNot Allowed
All Banks idle
Bank(s) Active
MR data
MR addr
MRWNOP 2
MRW
T0
T1
T2
Tx
Tx + 1
Tx + 2Ty1
Ty + 1Ty + 2
CK#
CK
CA[9:0]
CMD
Valid
tMRW
tMRW
MR data
MR addr
NOP 2
NOP 2
NOP 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com