công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IS43LD16640C bảng dữ liệu(PDF) 84 Page - Integrated Silicon Solution, Inc

tên linh kiện IS43LD16640C
Giải thích chi tiết về linh kiện  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ISSI [Integrated Silicon Solution, Inc]
Trang chủ  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C bảng dữ liệu(HTML) 84 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 88Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
84
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Input Clock Frequency Changes and Stop Events
LPDDR2 support Clock frequency changes and clock stop under the conditions detailed in this
section
Input Clock Frequency Changes and Clock Stop with CKE LOW
During CKE LOW, Mobile LPDDR2 devices support input clock frequency changes and clock stop
under the following conditions:
• Refresh requirements are met
• Only REFab or REFpb commands can be in process
• Any ACTIVATE or PRECHARGE commands have completed prior to changing the frequency
• Related timing conditions,tRCD and tRP, have been met prior to changing the frequency
• The initial clock frequency must be maintained for a minimum of two clock cycles after CKE goes
LOW
• The clock satisfies tCH(abs) and tCL(abs) for a minimum of two clock cycles prior to CKE going
HIGH
For input clock frequency changes, tCK(MIN) and tCK(MAX) must be met for each clock cycle.
After the input clock frequency is changed and CKE is held HIGH, additional MRW commands may
be required to set the WR, RL, etc. These settings may require adjustment to meet minimum timing
requirements at the target clock frequency.
For clock stop, CK is held LOW and CK# is held HIGH.
NO OPERATION Command
The NO OPERATION (NOP) command prevents the device from registering any unwanted com-
mands issued between operations. A NOP command can only be issued at clock cycle N when the
CKE level is constant for clock cycle N-1 and clock cycle N. The NOP command has two possible
encodings: CS# HIGH at the clock rising edge N; and CS# LOW with CA0, CA1, CA2 HIGH at the
clock rising edge N.
The NOP command will not terminate a previous operation that is still in process, such as a READ
burst or WRITE burst cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com