công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IS43LD16640C bảng dữ liệu(PDF) 33 Page - Integrated Silicon Solution, Inc

tên linh kiện IS43LD16640C
Giải thích chi tiết về linh kiện  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ISSI [Integrated Silicon Solution, Inc]
Trang chủ  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C bảng dữ liệu(HTML) 33 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 37Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
33
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Read and Write Access Modes
After a bank is activated, a READ or WRITE command can be issued with CS# LOW, CA0 HIGH,
and CA1 LOW at the rising edge of the clock. CA2 must also be defined at this time to determine
whether the access cycle is a READ operation (CA2 HIGH) or a WRITE operation (CA2 LOW).
The LPDDR2 provide a fast column access operation .A single READ or WRITE command initiates
a burst READ or burst WRITE operation on successive clock cycles.
For LPDDR2 –S4 devices, a new burst access must not interrupt the previous 4-bit burst operation
when BL = 4.
In case of BL = 8 or BL = 16, READs can be interrupted by READs and WRITEs can be interrupted
by WRITEs, provided that the interrupt occurs on a 4-bit boundary and that tCCD is met.
Burst READ
The burst READ command is initiated with CS# LOW, CA0 HIGH, CA1 LOW, and CA2 HIGH at the
rising edge of the clock. The command address bus inputs, CA5r–CA6r and CA1f–CA9f, determine
the starting column address for the burst. The read latency (RL) is defined from the rising edge of
the clock on which the READ command is issued to the rising edge of the clock from which the
tDQSCK delay is measured. The first valid data is available RL × tCK + tDQSCK + tDQSQ after the
rising edge of the clock when the READ command is issued. The data strobe output is driven LOW
tRPRE before the first valid rising strobe edge. The first bit of the burst is synchronized with the first
rising edge of the data strobe. Each subsequent data-out appears on each DQ pin, edge aligned
with the data strobe. The RL is programmed in the mode registers.
Pin input timings for the data strobe are measured relative to the crosspoint of DQS and its com-
plement, DQS#.
Data Output (Read) Timing – tDQSCK (MAX)
Data output (Read) timing (tDQSCKmax)
Notes:
1. tDQSCK can span multiple clock periods.
2. An effective burst length of 4 is shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com