công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IS43LD16640C bảng dữ liệu(PDF) 25 Page - Integrated Silicon Solution, Inc

tên linh kiện IS43LD16640C
Giải thích chi tiết về linh kiện  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ISSI [Integrated Silicon Solution, Inc]
Trang chủ  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C bảng dữ liệu(HTML) 25 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 29Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
25
Rev. C
07/02/2021
® Long-term Support
World Class Quality
Command
Command Pins
CA Pins
CK
Edge
CKE
CS#
CA0
CA1
CA2
CA3
CA4
CA5
CA6
CA7
CA8
CA9
CK( n-1)
CK( n)
NOP
HH
H
X
HH
X
X
Maintain PD,
SREF, DPD,
(NOP)
LL
H
X
LL
X
X
Enter power-
down
HL
H
X
XL
X
X
Exit PD, SREF,
DPD
LH
H
X
XH
X
X
Note:
1. All commands are defined by the current state of CS#, CA0, CA1, CA2, CA3, and CKE at
the rising edge of the clock.
2. Bank addresses (BA) determine which bank will be operated upon.
3.AP HIGH during a READ or WRITE command indicates that an auto precharge will occur
to the bank associated with the READ or WRITE command.
4. X indicates a “Don’t Care” state, with a defined logic level, either HIGH (H) or LOW (L).
5. Self refresh exit and DPD exit are asynchronous.
6. VREF must be between 0 and VDDQ during self refresh and DPD operation.
7. CAxr refers to command/address bit “x” on the rising edge of clock.
8. CAxf refers to command/address bit “x” on the falling edge of clock.
9. CS# and CKE are sampled on the rising edge of the clock.
10. Per-bank refresh is only supported in devices with eight banks.
11. The least-significant column address C0 is not transmitted on the CA bus, and is inferred
to be zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com