công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IS43LD16640C bảng dữ liệu(PDF) 44 Page - Integrated Silicon Solution, Inc

tên linh kiện IS43LD16640C
Giải thích chi tiết về linh kiện  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ISSI [Integrated Silicon Solution, Inc]
Trang chủ  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C bảng dữ liệu(HTML) 44 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 48Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
44
Rev. C
07/02/2021
® Long-term Support
World Class Quality
BURST TERMINATE (BST)
The BURST TERMINATE (BST) command is initiated with CS# LOW, CA0 HIGH, CA1 HIGH, CA2
LOW, and CA3 LOW at the rising edge of the clock. A BST command can only be issued to termi-
nate an active READ or WRITE burst. Therefore, a BST command can only be issued up to and
including BL/2 - 1 clock cycles after a READ or WRITE command.
The effective burst length of a READ or WRITE command truncated by a BST command is as fol-
lows:
• Effective burst length = 2 × (number of clock cycles from the READ or WRITE command to the
BST command).
• If a READ or WRITE burst is truncated with a BST command, the effective burst length of the
truncated burst should be used for BL when calculating the minimum READ to-WRITE or WRITE-
to-READ delay.
• The BST command only affects the most recent READ or WRITE command. The BST command
truncates an ongoing READ burst RL × tCK + tDQSCK + tDQSQ after the rising edge of the clock
where the BST command is issued. The BST command truncates an ongoing WRITE burst WL ×
tCK + tDQSS after the rising edge of the clock where the BST command is issued.
• The 4-bit prefetch architecture enables BST command assertion on even clock cycles following a
WRITE or READ command. The effective burst length of a READ or WRITE command truncated by
a BST command is thus an integer multiple of four.
Burst WRITE Truncated by BST – WL = 1, BL = 16
Burst Write truncated by BST: WL=1, BL=16
Notes:
1. The BST command truncates an ongoing WRITE burst WL × tCK + tDQSS after the rising edge of the clock
where the BST command is issued.
2. BST can only be issued an even number of clock cycles after the WRITE command.
3. Additional BST commands are not supported after T4 and must not be issued until after the next READ or
WRITE command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com