công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IS43LD16640C bảng dữ liệu(PDF) 48 Page - Integrated Silicon Solution, Inc

tên linh kiện IS43LD16640C
Giải thích chi tiết về linh kiện  1Gb (x16, x32) Mobile LPDDR2 S4 SDRAM
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ISSI [Integrated Silicon Solution, Inc]
Trang chủ  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43LD16640C bảng dữ liệu(HTML) 48 Page - Integrated Silicon Solution, Inc

Back Button IS43LD16640C Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 48Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 49Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 50Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 51Page - Integrated Silicon Solution, Inc IS43LD16640C Datasheet HTML 52Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 142 page
background image
IS43/46LD16640C
IS43/46LD32320C
Integrated Silicon Solution, Inc. — www.issi.com
48
Rev. C
07/02/2021
® Long-term Support
World Class Quality
READ Burst operation Followed by PRECHARGE
For the earliest possible precharge, the PRECHARGE command can be issued BL/2 clock cycles
after a READ command. A new bank ACTIVATE command can be issued to the same bank after
the row precharge time (tRP) has elapsed. A PRECHARGE command
cannot be issued until after tRAS is satisfied.
The minimum READ-to-PRECHARGE time (tRTP) must also satisfy a minimum analog time from
the rising clock edge that initiates the last 4-bit prefetch of a READ command. tRTP begins BL/2 -
2 clock cycles after the READ command.
If the burst is truncated by a BST command, the effective BL value is used to calculate when tRTP
begins.
READ Burst Followed by PRECHARGE – RL = 3, BL = 8, RU(tRTP(MIN)/tCK) = 2
Burst Read followed by Precharge: RL=3, BL=8, RU(tRTP(min)/tCK)=2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com