công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 7Page - NXP Semiconductors 98ASH70029A Datasheet HTML 8Page - NXP Semiconductors 98ASH70029A Datasheet HTML 9Page - NXP Semiconductors 98ASH70029A Datasheet HTML 10Page - NXP Semiconductors 98ASH70029A Datasheet HTML 11Page - NXP Semiconductors 98ASH70029A Datasheet HTML 12Page - NXP Semiconductors 98ASH70029A Datasheet HTML 13Page - NXP Semiconductors 98ASH70029A Datasheet HTML 14Page - NXP Semiconductors 98ASH70029A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
enable straightforward generation of efficient and compact code for the DSP and control
functions. The instruction set is also efficient for C compilers, to enable rapid
development of optimized control applications.
The device's basic architecture appears in Figure 1 and Figure 2. Figure 1 shows how the
56800EX system buses communicate with internal memories, and the IPBus interface
and the internal connections among the units of the 56800EX core. Figure 2 shows the
peripherals and control blocks connected to the IPBus bridge. See the specific device’s
Reference Manual for details.
Data
Arithmetic
Logic Unit
(ALU)
XAB2
PAB
PDB
CDBW
CDBR
XDB2
Program
Memory
Data/
IPBus
Interface
Bit-
Manipulation
Unit
M01
Address
XAB1
Generation
Unit
(AGU)
PC
LA
LA2
HWS0
HWS1
FIRA
OMR
SR
FISR
LC
LC2
Instruction
Decoder
Interrupt
Unit
Looping
Unit
Program Control Unit
ALU1
ALU2
MAC and ALU
A1
A2
A0
B1
B2
B0
C1
C2
C0
D1
D2
D0
Y1
Y0
X0
Enhanced
JTAG TAP
R2
R3
R4
R5
SP
R0
R1
Y
Multi-Bit Shifter
OnCE™
Program
RAM
DSP56800EX Core
N3
R2
R3
R4
R5
N
Figure 1. 56800EX basic block diagram
Clock sources
MC56F826xx, Rev. 0, 08/2018
NXP Semiconductors
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com