công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 52 Page - NXP Semiconductors

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A bảng dữ liệu(HTML) 52 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 48Page - NXP Semiconductors 98ASH70029A Datasheet HTML 49Page - NXP Semiconductors 98ASH70029A Datasheet HTML 50Page - NXP Semiconductors 98ASH70029A Datasheet HTML 51Page - NXP Semiconductors 98ASH70029A Datasheet HTML 52Page - NXP Semiconductors 98ASH70029A Datasheet HTML 53Page - NXP Semiconductors 98ASH70029A Datasheet HTML 54Page - NXP Semiconductors 98ASH70029A Datasheet HTML 55Page - NXP Semiconductors 98ASH70029A Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
take normal precautions to avoid application of any voltages
higher than maximum-rated voltages to this high-impedance
circuit. Reliability of operation is enhanced if unused inputs are
tied to an appropriate voltage level.
Use the following list of considerations to assure correct operation of the device:
• Provide a low-impedance path from the board power supply to each VDD pin on the
device and from the board ground to each VSS (GND) pin.
• The minimum bypass requirement is to place 0.01–0.1 µF capacitors positioned as
near as possible to the package supply pins. The recommended bypass configuration
is to place one bypass capacitor on each of the VDD/VSS pairs, including VDDA/VSSA.
Ceramic and tantalum capacitors tend to provide better tolerances.
• Ensure that capacitor leads and associated printed circuit traces that connect to the
chip VDD and VSS (GND) pins are as short as possible.
• Bypass the VDD and VSS with approximately 100 µF, plus the number of 0.1 µF
ceramic capacitors.
• PCB trace lengths should be minimal for high-frequency signals.
• Consider all device loads as well as parasitic capacitance due to PCB traces when
calculating capacitance. This is especially critical in systems with higher capacitive
loads that could create higher transient currents in the VDD and VSS circuits.
• Take special care to minimize noise levels on the VREF, VDDA, and VSSA pins.
• Using separate power planes for VDD and VDDA and separate ground planes for VSS
and VSSA are recommended. Connect the separate analog and digital power and
ground planes as near as possible to power supply outputs. If an analog circuit and
digital circuit are powered by the same power supply, then connect a small inductor
or ferrite bead in serial with VDDA. Traces of VSS and VSSA should be shorted
together.
• Physically separate analog components from noisy digital components by ground
planes. Do not place an analog trace in parallel with digital traces. Place an analog
ground trace around an analog signal trace to isolate it from digital traces.
• Because the flash memory is programmed through the JTAG/EOnCE port, SCI, or
I2C, the designer should provide an interface to this port if in-circuit flash
programming is desired.
• If desired, connect an external RC circuit to the RESET pin. The resistor value
should be in the range of 4.7 kΩ–10 kΩ; the capacitor value should be in the range of
0.22 µF–4.7 µF.
• Configuring the RESET pin to GPIO output in normal operation in a high-noise
environment may help to improve the performance of noise transient immunity.
• Add a 2.2 kΩ external pullup on the TMS pin of the JTAG port to keep EOnCE in a
restate during normal operation if JTAG converter is not present.
Design Considerations
MC56F826xx, Rev. 0, 08/2018
52
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com