công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 54 Page - NXP Semiconductors

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A bảng dữ liệu(HTML) 54 Page - NXP Semiconductors

Back Button 98ASH70029A Datasheet HTML 50Page - NXP Semiconductors 98ASH70029A Datasheet HTML 51Page - NXP Semiconductors 98ASH70029A Datasheet HTML 52Page - NXP Semiconductors 98ASH70029A Datasheet HTML 53Page - NXP Semiconductors 98ASH70029A Datasheet HTML 54Page - NXP Semiconductors 98ASH70029A Datasheet HTML 55Page - NXP Semiconductors 98ASH70029A Datasheet HTML 56Page - NXP Semiconductors 98ASH70029A Datasheet HTML 57Page - NXP Semiconductors 98ASH70029A Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
+
+
+
DC
DC
DC
DC
VDDA VDD
VSSA
VSS
ADC_IN
MC56F8xxxx
C1
C4
C2
C3
D1
D2
DC
DC
+
C6
C5
12V
200V ~300V
Reg1
Reg3
Reg2
3.3V
3.3V
R1
R2
R3
R4
R5
C7
RESET
R6
C8
D1 and D2 are unnecessary,
because all analog
inputs already have the
internal current injection
protection circuit.
Figure 16. Protection Circuit Example
MC56F8xxxx DSC uses the 5V tolerance I/O. When the pin is configured to digital input,
it can accept 5V input. See Table 5. When the pin is configured to analog input, the
internal integrated current injection protection circuit is enabled. The current injection
protection circuit performs the same functions as external clamp diode D1 and D2 in
Figure 16. As long as the source or sink current for each analog pin is less than 3 mA,
then there is no damage to the device. See Table 27. Therefore, D1 and D2 clamping
diodes are not recommended to be used.
9.3.3 Heavy capacitive load on power supply output:
In some applications, the low cost DC/DC converter may not regulate the output voltage
well before it reaches the regulation point, which is roughly around 2.5V to 2.7V.
However, the MC56F8xxxx DSC will exit power-on reset at around 2.3V. If the
initialization code enables the PLL to run the DSC at full speed right after reset, then the
high current will be pulled by DSC from the supply, which can cause the supply voltage
to drop below the operation voltage; see the captured graph (Figure 17). This can cause
the DSC fail to start up.
Design Considerations
MC56F826xx, Rev. 0, 08/2018
54
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com