công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

98ASH70029A bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện 98ASH70029A
Giải thích chi tiết về linh kiện  The following table is the comparsion of features among members of the family.
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

98ASH70029A bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  98ASH70029A Datasheet HTML 1Page - NXP Semiconductors 98ASH70029A Datasheet HTML 2Page - NXP Semiconductors 98ASH70029A Datasheet HTML 3Page - NXP Semiconductors 98ASH70029A Datasheet HTML 4Page - NXP Semiconductors 98ASH70029A Datasheet HTML 5Page - NXP Semiconductors 98ASH70029A Datasheet HTML 6Page - NXP Semiconductors 98ASH70029A Datasheet HTML 7Page - NXP Semiconductors 98ASH70029A Datasheet HTML 8Page - NXP Semiconductors 98ASH70029A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
MC56F826XXDS
MC56F826xx
Supports MC56F82646VLF,
MC56F82643VLC, MC56F82623VLC
Features
• This family of digital signal controllers (DSCs) is
based on the 32-bit 56800EX core. On a single chip,
each device combines the processing power of a DSP
and the functionality of an MCU, with a flexible set of
peripherals to support many target applications:
– Industrial control
– Home appliances
– Motor control (ACIM, BLDC, PMSM, SR, stepper)
• DSC based on 32-bit 56800EX core
– Up to 100 MIPS at 100 MHz core frequency in fast
mode
– DSP and MCU functionality in a unified, C-efficient
architecture
• On-chip memory
– Up to 64 KB flash memory
– 8 KB data/program RAM
– On-chip flash memory and RAM can be mapped
into both program and data memory spaces
• Analog
– Two high-speed, 5-channel, 12-bit ADCs with
dynamic x1, x2, and x4 programmable amplifier
– Four analog comparators with integrated 6-bit DAC
references
• One FlexPWM module with up to 6 PWM outputs
• Communication interfaces
– Up to two high-speed queued SCI (QSCI) modules
with LIN slave functionality
• Timers
– One 16-bit quad timer (1 x 4 16-bit timer)
– Two Periodic Interval Timers (PITs)
• Security and integrity
– Cyclic Redundancy Check (CRC) generator
– Windowed Computer operating properly (COP)
watchdog
– External Watchdog Monitor (EWM)
• Clocks
– Two on-chip relaxation oscillators: 8 MHz (400 kHz
at standby mode) and 200 kHz
– Crystal / resonator oscillator
• System
– DMA controller
– Integrated power-on reset (POR) and low-voltage
interrupt (LVI) and brown-out reset module
– Inter-module crossbar connection
– JTAG/enhanced on-chip emulation (EOnCE) for
unobtrusive, real-time debugging
• Operating characteristics
– Single supply: 3.0 V to 3.6 V
– 5 V–tolerant I/O (except for RESETB pin which is a
3.3 V pin only)
– Operation ambient temperature: V temperature
option: -40°C to 105°C
• 48-pin LQFP, and 32-pin LQFP packages
NXP Semiconductors
Document Number MC56F826XXDS
Data Sheet: Technical Data
Rev. 0, 08/2018
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.


Số phần tương tự - 98ASH70029A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
98ASH70029A FREESCALE-98ASH70029A Datasheet
586Kb / 35P
MC9S08PA60 Series
logo
NXP Semiconductors
98ASH70029A NXP-98ASH70029A Datasheet
757Kb / 36P
MC9S08PA16A and MC9S08PA8A are recommended for new design
Rev. 4, 03/2020
98ASH70029A NXP-98ASH70029A Datasheet
897Kb / 41P
MC9S08PA60A and MC9S08PA32A are recommended for new design
Rev. 4, 09/2019
98ASH70029A NXP-98ASH70029A Datasheet
902Kb / 37P
8-Bit S08 central processor unit (CPU)
Rev. 4, 03/2020
98ASH70029A NXP-98ASH70029A Datasheet
940Kb / 41P
MC9S08PT60A and MC9S08PT32A are recommended for new design
Rev. 6, 09/2019
More results

Mô tả tương tự - 98ASH70029A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
S912XEP100J5MAG FREESCALE-S912XEP100J5MAG Datasheet
8Mb / 1324P
Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members.
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
This is the MC9S08SH8 datasheet set consisting of the following files
logo
Altera Corporation
EP2S90F1020C4N ALTERA-EP2S90F1020C4N Datasheet
2Mb / 238P
The Stratix II family offers the following features
logo
List of Unclassifed Man...
NS9360B-0-C177 ETC2-NS9360B-0-C177 Datasheet
1Mb / 68P
This table lists the key features of the NS7520
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
The ST10F272B and ST10F272E are members of the STMicroelectronics
24-Sep-2013
AN432 STMICROELECTRONICS-AN432 Datasheet
393Kb / 12P
All members of the ST62 Series of Microcontrollers
Rev. 1.1
AN2945 STMICROELECTRONICS-AN2945 Datasheet
218Kb / 18P
Following the market launch of the award winning
28-Jul-2009
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
The Split Operation has the following features:
logo
NXP Semiconductors
MCF51JG256DS NXP-MCF51JG256DS Datasheet
1,022Kb / 46P
This is the MCF51JG256 Data Sheet set consisting of the following files
Rev.1.1, 07/2013
logo
Maxim Integrated Produc...
DS28E80EVKIT MAXIM-DS28E80EVKIT Datasheet
5Mb / 28P
Demonstrates the Features of the DS28E80 IC
Rev 0; 11/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com